Electronic Components Datasheet Search
  English  ▼

X  

LTC6908CS6-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6908CS6-1
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6908CS6-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC6908CS6-1 Datasheet HTML 1Page - Linear Technology LTC6908CS6-1 Datasheet HTML 2Page - Linear Technology LTC6908CS6-1 Datasheet HTML 3Page - Linear Technology LTC6908CS6-1 Datasheet HTML 4Page - Linear Technology LTC6908CS6-1 Datasheet HTML 5Page - Linear Technology LTC6908CS6-1 Datasheet HTML 6Page - Linear Technology LTC6908CS6-1 Datasheet HTML 7Page - Linear Technology LTC6908CS6-1 Datasheet HTML 8Page - Linear Technology LTC6908CS6-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC6908-1/LTC6908-2
3
690812fa
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V
+ = 2.7V to 5.5V, RL = 5k, CL = 5pF unless otherwise
noted. The modulation is turned off (MOD is connected to OUT2) unless otherwise specified. RSET is defined as the resistor connected
from the SET pin to the V+ pin.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔfOUT
Frequency Accuracy (Note 4)
V+ = 2.7V
250kHz ≤ fOUT ≤ 5MHz
250kHz ≤ fOUT ≤ 5MHz
50kHz ≤ fOUT < 250kHz
●
●
±0.5
±2
±2.5
±1.5
±2.5
±3.5
%
%
%
V+ = 5V
250kHz ≤ fOUT ≤ 5MHz
250kHz ≤ fOUT ≤ 5MHz
50kHz ≤ fOUT < 250kHz
5MHz < fOUT ≤ 10MHz
●
●
●
±1
±2.5
±3
±3.5
±2
±3
±4
±4.5
%
%
%
%
RSET
Frequency Setting Resistor Range
V+ = 2.7V
|
ΔfOUT | ≤ 1.5%
|
ΔfOUT | ≤ 2.5%
|
ΔfOUT | ≤ 3.5%
●
●
20
20
400
400
400
2000
k
k
k
V+ = 5V
|
ΔfOUT | ≤ 2%
|
ΔfOUT | ≤ 3%
|
ΔfOUT | ≤ 4%
|
ΔfOUT | ≤ 4.5%
●
●
●
20
20
400
10
400
400
2000
20
k
k
k
k
ΔfOUT/ΔT Frequency Drift Over Temperature
RSET = 100k
●
±0.004
%/°C
ΔfOUT/ΔV+ Frequency Drift Over Supply (Note 4) V+ = 2.7V to 3.6V, RSET = 100k
V+ = 4.5V to 5.5V, RSET = 100k
●
●
0.04
0.4
0.25
0.9
%/V
%/V
Period Variation
(Frequency Spreading)
RSET = 100k, MOD Pin = V
+, GND or OPEN
●
±7.5
±10
±12.5
%
Long-Term Stability of Output
Frequency (Note 8)
300
ppm/√kHr
Duty Cycle (Note 5)
No Modulation, 250kHz ≤ fOUT ≤ 1MHz
●
45
50
55
%
V+
Operating Supply Range
●
2.7
5.5
V
IS
Power Supply Current
RSET = 2000k, RL = ∞, fOUT = 50kHz, MOD Pin = V
+
V+ = 5V
V+ = 2.7V
●
●
0.4
0.4
0.65
0.6
mA
mA
RSET = 20k, RL = ∞, fOUT = 5MHz, MOD Pin = GND
V+ = 5V
V+ = 2.7V
●
●
1.25
0.9
1.7
1.3
mA
mA
VIH_MOD
High Level MOD Input Voltage
● V+ – 0.4
V
VIL_MOD
Low Level MOD Input Voltage
●
0.4
V
IMOD
MOD Pin Input Current (Note 6)
MOD Pin = V+, V+ = 5V
MOD Pin = GND, V+ = 5V
●
●
–4
2
–2
4µA
µA
VOH
High Level Output Voltage (Note 6)
(OUT1, OUT2)
V+ = 5V
IOH = –0.3mA
IOH = –1.2mA
●
●
4.75
4.4
4.9
4.7
V
V
V+ = 2.7V
IOH = –0.3mA
IOH = –0.8mA
●
●
2.35
1.85
2.6
2.2
V
V
VOL
Low Level Output Voltage (Note 6)
V+ = 5V
IOL = 0.3mA
IOL = 1.2mA
●
●
0.05
0.2
0.15
0.5
V
V
V+ = 2.7V
IOL = 0.3mA
IOL = 0.8mA
●
●
0.1
0.4
0.3
0.7
V
V
tr
Output Rise Time (Note 7)
V+ = 5V
V+ = 2.7V
6
11
ns
ns
tf
Output Fall Time (Note 7)
V+ = 5V
V+ = 2.7V
5
9
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com