Electronic Components Datasheet Search
  English  ▼

X  

LTC6912 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6912
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6912 Datasheet HTML 6Page - Linear Technology LTC6912 Datasheet HTML 7Page - Linear Technology LTC6912 Datasheet HTML 8Page - Linear Technology LTC6912 Datasheet HTML 9Page - Linear Technology LTC6912 Datasheet HTML 10Page - Linear Technology LTC6912 Datasheet HTML 11Page - Linear Technology LTC6912 Datasheet HTML 12Page - Linear Technology LTC6912 Datasheet HTML 13Page - Linear Technology LTC6912 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC6912
10
6912fa
ELECTRICAL CHARACTERISTICS The ● denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1, RL = 10k to midsupply point, unless
otherwise noted.
C, I GRADES
H GRADE
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Specifications for the LTC6912-2 ONLY
Offset Voltage Magnitude
Gain = 1
●
0.25
3.5
0.25
6.5
mV
Referred to INA or INB Pins
Gain = 8
●
0.14
2
0.14
4
mV
(Note 8)
Input Offset Voltage Drift,
6
10
µV/°C
Internal Op Amp
DC Input Resistance at
DC VINA or VINB = 0V
INA or INB Pins (Note 9)
Gain = 0
●
>10
>10
M
Ω
State = 8, Software Shutdown
●
>10
>10
M
Ω
Gain = 1
●
10
10
k
Ω
Gain = 2
●
55
k
Ω
Gain = 4
●
2.5
2.5
k
Ω
Gain > 4
●
1.25
1.25
k
Ω
DC Input Resistance Drift at
Gain = 1
85
95
ppm/
°C
INA or INB Pins (Note 9)
Gain = 2
90
100
ppm/
°C
Gain = 4
95
105
ppm/
°C
Gain = 8
120
130
ppm/
°C
Gain = 16
130
140
ppm/
°C
Gain = 32
140
150
ppm/
°C
Gain = 64
170
180
ppm/
°C
DC Input Resistance Match
Gain = 1
●
10
10
Ω
RINA-RINB
Gain = 2
●
55
Ω
Gain = 4
●
55
Ω
Gain > 4
●
55
Ω
DC Small Signal Output Resistance
DC VINA or VINB = 0V
at OUT A or OUT B Pins
Gain = 0
0.4
0.4
Ω
Gain = 1
0.7
0.7
Ω
Gain = 2
1.0
1.0
Ω
Gain = 4
1.9
1.9
Ω
Gain = 8
3.4
3.4
Ω
Gain = 16
6.4
6.4
Ω
Gain = 32
15
15
Ω
Gain = 64
30
30
Ω
State = 8, Software Shutdown
●
>1
>1
M
Ω
Gain Bandwidth Product
Gain = 64
●
17
30
50
15
30
50
MHz
Wideband Noise
f = 1kHz to 200kHz
(Referred to Input)
Gain = 0 (Output Noise Only)
8.1
8.1
µVRMS
Gain = 1
13.8
13.8
µVRMS
Gain = 2
9.6
9.6
µVRMS
Gain = 4
7.5
7.5
µVRMS
Gain = 8
6.4
6.4
µVRMS
Gain = 16
6.0
6.0
µVRMS
Gain = 32
5.8
5.8
µVRMS
Gain = 64
5.6
5.6
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com