Electronic Components Datasheet Search
  English  ▼

X  

LTC6943 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6943
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6943 Datasheet HTML 8Page - Linear Technology LTC6943 Datasheet HTML 9Page - Linear Technology LTC6943 Datasheet HTML 10Page - Linear Technology LTC6943 Datasheet HTML 11Page - Linear Technology LTC6943 Datasheet HTML 12Page - Linear Technology LTC6943 Datasheet HTML 13Page - Linear Technology LTC6943 Datasheet HTML 14Page - Linear Technology LTC6943 Datasheet HTML 15Page - Linear Technology LTC6943 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC6943
12
6943f
TYPICAL APPLICATIO S
Frequency-Controlled Gain Amplifier
GAIN CONTROL
0kHz TO 10kHz =
GAIN 0 TO 1000
0.01µF
1/2 LTC6943A
FOR DIFFERENTIAL INPUT, GROUND PIN 7A AND
USE PINS 11A AND 6A FOR INPUTS
FOR SINGLE-ENDED INPUT AND POSITIVE GAIN,
GROUND PIN 8A AND USE PIN 7A FOR INPUT
OPERATES THE LTC6943'S WITH ±5V SUPPLIES
5V
2
7
6
4
3
–5V
6943 • TA16
100pF
1/2 LTC6943B
fIN • 0.01µF
1kHz • 100pF
–
+
LT1056
VIN
VOUT
9A
9B
10B
10A
0.01µF
11A
12A
7A
6A
5V
–5V
14A
11B
7B
6B
14B
12B
GAIN =
; GAIN IS NEGATIVE AS SHOWN
1kHz
315
0.01% F/V Converter
6943 • TA15
–5V
1k
–5V
LT1004-1.2C
FREQUENCY IN
0kHz TO 30kHz
1µF
0V TO 3V
OUTPUT
* 1% FILM RESISTOR
** POLYPROPYLENE
–5V
5V
1000pF**
5V
1µF
75k*
1/4 LTC6943
10
12
11
–
+
10k
GAIN TRIM
LT1056
14
3
15
2
3
7
6
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com