Electronic Components Datasheet Search
  English  ▼

X  

LTC7510 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC7510
Description  Digital DC/DC Controller with PMBus Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7510 Datasheet(HTML) 2 Page - Linear Technology

  LTC7510 Datasheet HTML 1Page - Linear Technology LTC7510 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LTC7510
2
7510fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0308 REV A • PRINTED IN USA
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................... –0.3V to 6V
VSENP, VSENN................................................ –0.3V to 3V
ISENP, ISENN .................................................–0.3V to VCC
OUTEN, SYNC_IN, SYNC_OUT, SMBALERT_N,
PWRGD, PWM, SDA, SCL, FAULT1,
FAULT2, SADDR_M...................................... –0.3V to 6V
All Other Pins .......................................... –0.3V to 4.25V
Differential Voltage
VSEN_DIFF (VSENP – VSENN).................... –0.3V to 2.5V
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature ........................................... 125°C
Storage Temperature Range................... –65°C to 150°C
Write Temperature ....................................... 0°C to 85°C
Read Temperature.................................... –40°C to 85°C
(Note 1)
32 31 30 29 28 27 26 25
9
10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm × 5mm) PLASTIC QFN
13 14 15 16
17
33
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
VD25
SDA
SADDR_L
PWRGD
SADDR_M
OUTEN
IMAXSET
VTRIM
VD33
NC
NC
ISENN
ISENP
ISH_GND
VSENN
VSENP
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7510EUH#PBF
LTC7510EUH#TRPBF
7510
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 85°C
LTC7510IUH#PBF
LTC7510IUH#TRPBF
7510
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com