Electronic Components Datasheet Search
  English  ▼

X  

LTM4602 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM4602
Description  6A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4602 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM4602 Datasheet HTML 14Page - Linear Technology LTM4602 Datasheet HTML 15Page - Linear Technology LTM4602 Datasheet HTML 16Page - Linear Technology LTM4602 Datasheet HTML 17Page - Linear Technology LTM4602 Datasheet HTML 18Page - Linear Technology LTM4602 Datasheet HTML 19Page - Linear Technology LTM4602 Datasheet HTML 20Page - Linear Technology LTM4602 Datasheet HTML 21Page - Linear Technology LTM4602 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTM4602
18
4602fa
Equations for setting frequency for 5V to 3.3V:
ION = (VIN – 0.7V)/110k; ION = 39μA
frequency = (ION/[2.4V • 10pF]) • DC = 1.07MHz;
DC = duty cycle, duty cycle is (VOUT/VIN)
tS = tON + tOFF, tON = on-time, tOFF = off-time of the
switching period; tS = 1/frequency
tOFF must be greater than 400ns, or tS – tON > 400ns.
tON = DC • tS
~450kHz frequency or 2.22μs period is chosen for 5V to
3.3V. Frequency range is about 450kHz to 650kHz from
4.5V to 7V input.
tON = 0.66 • 2.22μs ≅ 1.46μs
tOFF = 2.22μs – 1.46μs ≅ 760ns
tON and tOFF are above the minimums with adequate guard
band.
Using the frequency = (ION/[2.4V • 10pF]) • DC, solve for
ION = (450kHz • 2.4V • 10pF) • (1/0.66) ≅ 16μA. ION current
calculated from 5V input was 39μA, so a resistor from fADJ
to ground = (0.7V/30.1k) = 23μA. 39μA – 23μA = 16μA,
sets the adequate ION current for proper frequency range
for the higher duty cycle conversion of 5V to 3.3V. Input
voltage range is limited to 4.5V to 7V. Higher input voltages
can be used without the 30.1k on fADJ. The inductor ripple
current gets too high above 7V, and the 400ns minimum
off-time is limited below 4.5V.
In 12V to 3.3V applications, if a 35k resistor is added from
the fADJ pin to ground, then a 2% efficiency gain will be
achieved as shown in the 12V efficiency graph in the Typi-
cal Performance Characteristics. This is due to the lower
transition losses in the power MOSFETs after lowering the
switching frequency down from 1.3MHz to 950kHz.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com