Electronic Components Datasheet Search
  English  ▼

X  

LTM4603V Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4603V
Description  6A DC/DC 關Module with PLL, Output Tracking and Margining
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603V Datasheet(HTML) 3 Page - Linear Technology

  LTM4603V Datasheet HTML 1Page - Linear Technology LTM4603V Datasheet HTML 2Page - Linear Technology LTM4603V Datasheet HTML 3Page - Linear Technology LTM4603V Datasheet HTML 4Page - Linear Technology LTM4603V Datasheet HTML 5Page - Linear Technology LTM4603V Datasheet HTML 6Page - Linear Technology LTM4603V Datasheet HTML 7Page - Linear Technology LTM4603V Datasheet HTML 8Page - Linear Technology LTM4603V Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM4603/LTM4603-1
3
4603f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 1.5V, IOUT = 6A
VIN = 12V, VOUT = 3.3V, IOUT = 6A
VIN = 5V, VOUT = 1.5V, IOUT = 6A
0.85
1.78
2.034
A
A
A
INTVCC
VIN = 12V, RUN > 2V
No Load
4.7
5
5.3
V
Output Specifications
IOUTDC
Output Continuous Current Range
(See Output Current Derating Curves
for Different VIN, VOUT and TA)
VIN = 12V, VOUT = 1.5V
0
6
A
VOUT(NOM) – VOUT(ΔLINE)
VOUT(NOM)
Line Regulation Accuracy
VOUT = 1.5V, IOUT = 0A, VIN = 4.5V to 20V
●
0.3
%
VOUT(NOM) – VOUT(ΔLOAD)
VOUT(NOM)
Load Regulation Accuracy
VOUT = 1.5V, IOUT = 0A to 6A
VIN = 12V, with Remote Sense Amp
VIN = 12V, LTM4603-1
●
●
0.25
0.5
%
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 2×, 100µF/X5R/Ceramic
VIN = 12V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
10
10
mVP-P
mVP-P
fS
Output Ripple Voltage Frequency
IOUT = 3A, VIN = 12V, VOUT = 1.5V
1000
kHz
ΔVOUT(START)
Turn-On Overshoot,
TRACK/SS = 10nF
COUT = 2×, 100µF/X5R/Ceramic,
VOUT = 1.5V, IOUT = 0A
VIN = 12V
VIN = 5V
20
20
mV
mV
tSTART
Turn-On Time, TRACK/SS = Open
COUT = 2×, 100µF/X5R/Ceramic,
VOUT = 1.5V, IOUT = 1A Resisitive Load
VIN = 12V
VIN = 5V
0.5
0.7
ms
ms
ΔVOUTLS
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load,
COUT = 2 × 22µF/Ceramic, 470µF, 4V
Sanyo POSCAP
VIN = 12V
VIN = 5V
35
35
mV
mV
tSETTLE
Settling Time for Dynamic Load Step Load: 0% to 50% to 10% of Full Load
VIN = 12V
25
µs
IOUTPK
Output Current Limit
COUT = 2×, 100µF/X5R/Ceramic
VIN = 12V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
8
8
A
A
Remote Sense Amp (LTM4603 Only, Not Supported in the LTM4603-1) (Note 3)
VOSNS
+, VOSNS–
CM Range
Common Mode Input Voltage Range VIN = 12V, RUN > 2V
0
INTVCC – 1
V
DIFFVOUT Range
Output Voltage Range
VIN = 12V, DIFF OUT Load = 100k
0
INTVCC
V
VOS
Input Offset Voltage Magnitude
1.25
mV
AV
Differential Gain
1
V/V
GBP
Gain Bandwidth Product
3
MHz
SR
Slew Rate
2
V/µs
RIN
Input Resistance
VOSNS
+ to GND
20
k
Ω
CMRR
Common Mode Rejection Ratio
100
dB
The
● denotes the specifications which apply over the –40°C to 85°C
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application (front page) configuration.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com