Electronic Components Datasheet Search
  English  ▼

X  

LTM4606V Datasheet(PDF) 17 Page - Linear Technology

Part # LTM4606V
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606V Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM4606V Datasheet HTML 13Page - Linear Technology LTM4606V Datasheet HTML 14Page - Linear Technology LTM4606V Datasheet HTML 15Page - Linear Technology LTM4606V Datasheet HTML 16Page - Linear Technology LTM4606V Datasheet HTML 17Page - Linear Technology LTM4606V Datasheet HTML 18Page - Linear Technology LTM4606V Datasheet HTML 19Page - Linear Technology LTM4606V Datasheet HTML 20Page - Linear Technology LTM4606V Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTM4606
17
4606f
APPLICATIONS INFORMATION
Layout Checklist/Example
The high integration of LTM4606 makes the PCB board
layout very simple and easy. However, to optimize its
electrical and thermal performance, some layout con-
siderations are still necessary.
• Use large PCB copper areas for high current path, in-
cluding VIN, PGND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output capaci-
tors next to the VD, PGND and VOUT pins to minimize
high frequency noise.
• Place a dedicated power ground layer underneath the
unit.
• Use round corners for the PCB copper layer to minimize
the radiated noise.
• To minimize the EMI noise and reduce module thermal
stress, use multiple vias for interconnection between top
layer and other power layers on different locations.
• Do not put vias directly on pads, unless they are
capped.
• Use a separated SGND ground copper area for com-
ponents connected to signal pins. Connect the SGND
to PGND underneath the unit.
• Place one or more high frequency ceramic capacitors
close to the connection into the system board.
Figure 17 gives a good example of the recommended
layout. For load current below 3A, decouple the input
and output grounds. Use vias to connect GND pads to the
bottom layer, then connect to the right side of the module
as the output GND.
Figure 17. Recommended PCB Layout
SIGNAL
GND
VOUT
VIN
GND
COUT
CIN
CIN
COUT
4606 F17
Table 4. 3.3V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 12, 14
12, 24
Figure 7
0
None
13.5
Figures 12, 14
12, 24
Figure 7
200
None
11
Figures 12, 14
12, 24
Figure 7
400
None
10
Figures 13, 15
12, 24
Figure 7
0
BGA Heat Sink
10
Figures 13, 15
12, 24
Figure 7
200
BGA Heat Sink
7
Figures 13, 15
12, 24
Figure 7
400
BGA Heat Sink
5
Heat Sink Manufacturer
Wakefield Engineering
Part No: LTN20069
Phone: 603-635-2800
Table 3. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 8, 10
5, 12
Figure 6
0
None
13.5
Figures 8, 10
5, 12
Figure 6
200
None
10
Figures 8, 10
5, 12
Figure 6
400
None
9
Figures 9, 11
5, 12
Figure 6
0
BGA Heat Sink
9.5
Figures 9, 11
5, 12
Figure 6
200
BGA Heat Sink
7
Figures 9, 11
5, 12
Figure 6
400
BGA Heat Sink
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com