Electronic Components Datasheet Search
  English  ▼

X  

LTC1878 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1878
Description  High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1878 Datasheet(HTML) 1 Page - Linear Technology

  LTC1878 Datasheet HTML 1Page - Linear Technology LTC1878 Datasheet HTML 2Page - Linear Technology LTC1878 Datasheet HTML 3Page - Linear Technology LTC1878 Datasheet HTML 4Page - Linear Technology LTC1878 Datasheet HTML 5Page - Linear Technology LTC1878 Datasheet HTML 6Page - Linear Technology LTC1878 Datasheet HTML 7Page - Linear Technology LTC1878 Datasheet HTML 8Page - Linear Technology LTC1878 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1878
s
High Efficiency: Up to 95%
s
Very Low Quiescent Current: Only 10
µA
During Operation
s
600mA Output Current at VIN = 3.3V
s
2.65V to 6V Input Voltage Range
s
550kHz Constant Frequency Operation
s
Synchronizable from 400kHz to 700kHz
s
Selectable Burst Mode
TM Operation or
Pulse Skipping Mode
s
No Schottky Diode Required
s
Low Dropout Operation: 100% Duty Cycle
s
0.8V Reference Allows Low Output Voltages
s
Shutdown Mode Draws < 1
µA Supply Current
s
±2% Output Voltage Accuracy
s
Current Mode Control for Excellent Line and
Load Transient Response
s
Overcurrent and Overtemperature Protected
s
Available in 8-Lead MSOP Package
The LTC
®1878 is a high efficiency monolithic synchro-
nous buck regulator using a constant frequency, current
mode architecture. Supply current during operation is
only 10
µA and drops to < 1µA in shutdown. The 2.65V to
6V input voltage range makes the LTC1878 ideally suited
for single Li-Ion battery-powered applications. 100% duty
cycle provides low dropout operation, extending battery
life in portable systems.
Switching frequency is internally set at 550kHz, allowing
the use of small surface mount inductors and capacitors.
For noise sensitive applications the LTC1878 can be
externally synchronized from 400kHz to 700kHz. Burst
Mode operation is inhibited during synchronization or
when the SYNC/MODE pin is pulled low, preventing low
frequency ripple from interfering with audio circuitry.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. Low
output voltages are easily supported with the 0.8V feed-
back reference voltage. The LTC1878 is available in a
space saving 8-lead MSOP package.
For higher input voltage (11V abs max) applications, refer
to the LTC1877 data sheet.
s
Cellular Telephones
s
Wireless Modems
s
Personal Information Appliances
s
Portable Instruments
s
Distributed Power Systems
s
Battery-Powered Equipment
High Efficiency Step-Down Converter
High Efficiency
Monolithic Synchronous
Step-Down Regulator
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
Efficiency vs Output Load Current
47
µF***
7
6
1
2
5
3
4
SW
VFB
LTC1878
GND
10
µH*
22
µF**
CER
220pF
VOUT
†
3.3V
*
**
***
†
TOKO D62CB A920CY-100M
TAIYO-YUDEN CERAMIC JMK325BJ226MM
SANYO POSCAP 6TPA47M
VOUT CONNECTED TO VIN FOR 2.65V < VIN < 3.3V
887k
20pF
280k
1878 TA01
SYNC
VIN
RUN
ITH
VIN
2.65V
TO 6V
+
OUTPUT CURRENT (mA)
80
75
85
90
95
100
0.1
10
100
1000
1878 TA02
70
1
VIN = 6V
VIN = 4.2V
VIN = 3.6V
Burst Mode OPERATION
VOUT = 3.3V
L = 10
µH
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LTC1878

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
LTC1878 LINER-LTC1878 Datasheet
229Kb / 16P
1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC1878EMS8 LINER-LTC1878EMS8 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC1878

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2003
L6926D STMICROELECTRONICS-L6926D Datasheet
90Kb / 8P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
May-2003
logo
Linear Technology
LTC1877 LINER-LTC1877 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6928D STMICROELECTRONICS-L6928D Datasheet
197Kb / 9P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Rev. 2
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
L6925D STMICROELECTRONICS-L6925D_04 Datasheet
57Kb / 6P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2004
L6926 STMICROELECTRONICS-L6926_08 Datasheet
260Kb / 16P
High efficiency monolithic synchronous step down regulator
16-Sep-2008
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
High efficiency monolithic synchronous step down regulator
11-Apr-2011
logo
Linear Technology
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com