Electronic Components Datasheet Search
  English  ▼

X  

SCM030200 Datasheet(PDF) 3 Page - celduc-relais

Part # SCM030200
Description  MOSFET BASED DC SOLID STATE RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SCM030200 Datasheet(HTML) 3 Page - celduc-relais

  SCM030200 Datasheet HTML 1Page - celduc-relais SCM030200 Datasheet HTML 2Page - celduc-relais SCM030200 Datasheet HTML 3Page - celduc-relais SCM030200 Datasheet HTML 4Page - celduc-relais SCM030200 Datasheet HTML 5Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
celduc®
r
e
l
a
i
s
S/CON/SCM030200/B/07/06/04
Page 3/5 GB
TIME CHARACTERISTICS
Fig. 4
TIME DIAGRAMS
CHARACTERISTIC
LABEL
VALUE
INFO.
Turn on time
ton
10µs (1.2µs typical)
Turn on delay
tdon
600µs (500µs typical)
Turn off time
toff
10µs (1µs typical)
Turn off delay
tdoff
100µs (60µs typical)
Max. On-Off frequency
F(on-off)
700Hz
GENERAL INFORMATION
Connections
Power
Control
Screwdriver advised
Philips™ NR2
Philips™ NR1
Min and max tightening torque
1.8 N.m
0.8 N.m
Insulated crimp terminals
(round tabs, eyelet type)
M5
M3
Display
Green LED
(indicates relay has switched ON)
Housing
UL94V0
Mounting
2 screws (M4x12mm)
See mounting
sheet
Noise level
No audible noise
Weight
100g
STANDARDS
Standards
IEC60947-1
Protection level
IP00
Protection against direct touch
None
CE marking
Yes
UL, cULUS and VDE approvals
Pending
TYPE OF TEST
STANDARD
LEVEL
EFFECT
E.S.D. (Electrostatic discharges)
EN61000-4-2
Pending
Radiated electromagnetic fields
EN61000-4-3
Pending
Fast transients bursts
EN61000-4-4
4kV coupling by clamp on the input side (power side to be tested)
No effect
Electric chocks
EN61000-4-5
1kV direct coupling on control side (pending on power side)
No effect
Voltage drop
EN61000-4-11
-
Radiated and conducted
disturbances
NFEN55011
Pending



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com