Electronic Components Datasheet Search
  English  ▼

X  

LTC1921 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1921
Description  Dual -48V Supply and Fuse Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1921 Datasheet HTML 4Page - Linear Technology LTC1921 Datasheet HTML 5Page - Linear Technology LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology LTC1921 Datasheet HTML 10Page - Linear Technology LTC1921 Datasheet HTML 11Page - Linear Technology LTC1921 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC1921
8
1921f
internal impedance to the return (RTN) pin. The applica-
tion must be designed so that an open fuse condition will
force the fuse input (FUSE A or FUSE B) to be outside the
specified window around the supply pins, such as with a
weak pull-up resistor to RTN, so that the LTC1921 can
properly indicate a fault at OUT F. If supply diodes that
exhibit high reverse leakage, such as Schottky diodes, are
used, then the values of the pull-up resistors must be
reduced accordingly.
The FUSE A and FUSE B pins may also be used in
conjunction with VA and VB for simple window compari-
son, provided that one of the circuit nodes to be compared
can provide the small amount of supply current required
to bias the IC. The LTC1921 is ideally suited for compari-
son functions in a circuit where only high supply voltages
are available.
Output Pins
The output pins in the LTC1921 are designed to shunt
external optoisolator diodes or LEDs during a supply or
fuse fault condition. Up to three diodes may be used in
series, one for each output. In this configuration
(Figure 2), a diode connected between OUT F and RTN will
indicate the condition of both fuses. A diode connected
between OUT A and OUT F will indicate the condition of
supply A (VA) and a diode connected between OUT B and
OUT A will indicate the condition of supply B (VB). A
resistor connected from OUT B to the negative supply is
required to bias the diodes. The LTC1921 is designed to
allow the current from this resistor to flow through the
diodes during normal supply conditions and intact fuses,
and will shunt this current away from the proper diodes
during a fault condition. These diodes will further clamp
the output pin potentials to RTN in order to keep the
outputs within rated voltages. If LEDs are used instead of
optoisolators, they should be green since they will be lit
when the supplies are within the proper voltage range.
The LTC1921 may be connected in such a way as to OR
various outputs to allow the use of fewer optocouplers or
LEDs (Figures 3a and 3b). One and two diode circuits are
shown.
APPLICATIO S I FOR ATIO
Figure 2.
MOC207
MOC207
MOC207
FUSE
STATUS
SUPPLY A
STATUS
1921 F02
5V
47k
5V
47k
5V
47k
R3
47k
1/4W
SUPPLY B
STATUS
OK: WITHIN SPECIFICATION
OV: OVERVOLTAGE
UV: UNDERVOLTAGE
–48V OUT
= LOGIC COMMON
0: LED/PHOTODIODE ON
1: LED/PHOTODIODE OFF
*IF BOTH FUSES (F1 AND F2) ARE OPEN,
ALL STATUS OUTPUTS WILL BE HIGH
SINCE R3 WILL NOT BE POWERED
OUT F
–48V
RETURN
VA
3
4
5
7
2
8
1
6
VB
FUSE A
F1
D1
D2
F2
RTN
LTC1921
FUSE B
OUT A
OUT B
SUPPLY A
–48V
SUPPLY B
–48V
R1
100k
R2
100k
SUPPLY A
STATUS
0
0
1
1
VB
OK
UV OR OV
OK
UV OR OV
VA
OK
OK
UV OR OV
UV OR OV
SUPPLY B
STATUS
0
1
0
1
FUSE STATUS
0
1
1
1*
VFUSE B
= VB
≠ VB
= VB
≠ VB
VFUSE A
= VA
= VA
≠ VA
≠ VA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com