Electronic Components Datasheet Search
  English  ▼

X  

LTC1863LIGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1863LIGN
Description  Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1863LIGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1863LIGN Datasheet HTML 4Page - Linear Technology LTC1863LIGN Datasheet HTML 5Page - Linear Technology LTC1863LIGN Datasheet HTML 6Page - Linear Technology LTC1863LIGN Datasheet HTML 7Page - Linear Technology LTC1863LIGN Datasheet HTML 8Page - Linear Technology LTC1863LIGN Datasheet HTML 9Page - Linear Technology LTC1863LIGN Datasheet HTML 10Page - Linear Technology LTC1863LIGN Datasheet HTML 11Page - Linear Technology LTC1863LIGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC1863L/LTC1867L
8
1863L7Lf
TI I G DIAGRA S
t5 (SDI Setup Time Before SCK↑),
t6 (SDI Hold Time After SCK↑)
50%
50%
t3
0.45V
t7 (SLEEP Mode Wake-Up Time)
t7
SCK
CS/CONV
t8 (BUS Relinquish Time)
t8
CS/CONV
SDO
1.9V
t4 (SDO Valid After CS/CONV↓)
t4
CS/CONV
SDO
1.9V
0.45V
0.45V
t6
1.9V
0.45V
t5
SCK
SDI
1.9V
1.9V
0.45V
1.9V
0.45V
SDO
1863L7L TD
SLEEP BIT (SLP = 0)
READ-IN
10%
90%
Hi-Z
Hi-Z
t1 (For Short Pulse Mode)
t2 (SDO Valid After SCK↓),
t3 (SDO Valid Hold Time After SCK↓)
t1
CS/CONV
t2
SCK
50%
50%
Overview
The LTC1863L/LTC1867L are complete, low power, multi-
plexed ADCs. They consist of a 12-/16-bit, 175ksps capaci-
tive successive approximation A/D converter, a precision
internal reference, a configurable 8-channel analog input
multiplexer (MUX) and a serial port for data transfer.
Conversions are started by a rising edge on the CS/CONV
input. Once a conversion cycle has begun, it cannot be
restarted. Between conversions, the ADCs receive an input
word for channel selection and output the conversion
result, and the analog input is acquired in preparation for
the next conversion. In the acquire phase, a minimum time
of 2.01µs will provide enough time for the sample-and-
hold capacitors to acquire the analog signal.
During the conversion, the internal differential 16-bit
capacitive DAC output is sequenced by the SAR from the
most significant bit (MSB) to the least significant bit
(LSB). The input is sucessively compared with the binary
weighted charges supplied by the differential capacitive
DAC. Bit decisions are made by a low power, differential
comparator that rejects common mode noise. At the end
of a conversion, the DAC output balances the analog input.
The SAR content (a 12-/16-bit data word) that represents
the analog input is loaded into the 12-/16-bit output
latches.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com