Electronic Components Datasheet Search
  English  ▼

X  

LTC2051CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2051CS8
Description  Dual/Quad Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2051CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2051CS8 Datasheet HTML 3Page - Linear Technology LTC2051CS8 Datasheet HTML 4Page - Linear Technology LTC2051CS8 Datasheet HTML 5Page - Linear Technology LTC2051CS8 Datasheet HTML 6Page - Linear Technology LTC2051CS8 Datasheet HTML 7Page - Linear Technology LTC2051CS8 Datasheet HTML 8Page - Linear Technology LTC2051CS8 Datasheet HTML 9Page - Linear Technology LTC2051CS8 Datasheet HTML 10Page - Linear Technology LTC2051CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC2051/LTC2052
20512fd
Sampling Frequency
vs Supply Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
Sampling Frequency
vs Temperature
Supply Current (Per Amplifier)
vs Supply Voltage
Supply Current (Per Amplifier)
vs Temperature
1μs/DIV
– 0.1
0
1.5
500μs/DIV
AV = 1
RL = 10k
CL = 100pF
VS = ±5V
0
20512 G11
AV = – 100
RL = 100k
CL = 10pF
VS = 3V
Transient Response
2050 G12
Input Overload Recovery
Input Bias Current
vs Input Common Mode Voltage
INPUT COMMON MODE VOLTAGE (V)
–5
150
200
250
3
20512 G10
100
50
0
–3
–1
0
1
5
VS = ±5V
VS = 5V
VS = 3V
SUPPLY VOLTAGE (V)
3
7
8
11
20512 G13
6
5
5
7
9
10
9
TEMPERATURE (°C)
–50
7
8
125
20512 G14
6
5
0
50
100
10
9
VS = ±5V
VS = 3V
SUPPLY VOLTAGE (V)
2.5
0
0.2
0.4
0.6
0.8
1.0
1.2
4.5
6.5
8.5
10.5
20512 G15
TEMPERATURE (°C)
–50
0.4
0.6
125
20512 G16
0.2
0
0
50
100
1.2
1.0
0.8
VS = 3V
VS = 5V
VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com