Electronic Components Datasheet Search
  English  ▼

X  

LTC2050CS6 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2050CS6
Description  Zero-Drift Operational Amplifi ers in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2050CS6 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2050CS6 Datasheet HTML 4Page - Linear Technology LTC2050CS6 Datasheet HTML 5Page - Linear Technology LTC2050CS6 Datasheet HTML 6Page - Linear Technology LTC2050CS6 Datasheet HTML 7Page - Linear Technology LTC2050CS6 Datasheet HTML 8Page - Linear Technology LTC2050CS6 Datasheet HTML 9Page - Linear Technology LTC2050CS6 Datasheet HTML 10Page - Linear Technology LTC2050CS6 Datasheet HTML 11Page - Linear Technology LTC2050CS6 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2050/LTC2050HV
8
2050fb
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current vs Input
Common Mode Voltage
Input Bias Current vs Input
Common Mode Voltage
(LTC2050HV)
Transient Response
Input Overload Recovery
Sampling Frequency
vs Supply Voltage
Sampling Frequency
vs Temperature
Supply Current vs Supply Voltage
Supply Current vs Temperature
INPUT COMMON MODE VOLTAGE (V)
0
3
5
2050 G13
12
4
160
140
120
100
80
60
40
20
0
VS = 5V
VS = 3V
INPUT COMMON MODE VOLTAGE (V)
60
50
40
30
20
10
0
–10
2050 G15
–5
–3
–1
1
3
5
VS = ±5V
VS = 5V
VS = 3V
SUPPLY VOLTAGE (V)
2.5
5
6
7
3.5
3.0
4.5
4.0
5.0
5.5
2050 G09
8
9
10
6.0
TA = 25°C
TEMPERATURE (°C)
–50
10
9
8
7
6
5
0
50
75
2050 G10
–25
25
100
125
VS = 5V
SUPPLY VOLTAGE (V)
24
6
8
10
1.2
1.0
0.8
0.6
0.4
0.2
0
2050 G11
TA = 25°C
TEMPERATURE (°C)
–50
1.0
0.8
0.6
0.4
0.2
0
0
50
75
2050 G12
–25
25
100
125
VS = 3V
VS = 5V
1μs/DIV
0.5/DIV
2050 G07
AV = 1
RL = 100k
CL = 50pF
VS = 5V
500μs/DIV
INPUT (V)
OUTPUT (V)
–0.2
1.5
0
0
2050 G08
AV = –100
RL = 100k
CL = 10pF
VS = ±1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com