Electronic Components Datasheet Search
  English  ▼

X  

SHT842 Datasheet(PDF) 2 Page - celduc-relais

Part # SHT842
Description  Three phase Solid State Relay for printed circuit board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SHT842 Datasheet(HTML) 2 Page - celduc-relais

  SHT842 Datasheet HTML 1Page - celduc-relais SHT842 Datasheet HTML 2Page - celduc-relais SHT842 Datasheet HTML 3Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S/MOD/SHT842xxx/C/19/05/2003
Caractéristiques de sortie(à 20
°C) / Output characteristics (at 20
°C)
Paramètre / Parameter
Conditions
Symbol
Typ.
Unit
Tension de charge / Load voltage
Ue
280
V rms
Plage tension de fonctionnement / Operating range
Ue min-max
24-280
V rms
Tension crête (écrêteur de tension) / Peak voltage (clamping voltage)
Up
600
V
Niveau de synchonisation / Synchronizing level
Usync
12
V
Tension d'amorçage / Latching voltage
Ie nom
Ua
10
V
Courant nominal AC-51/ AC-51 nominal current
( see Fig. 2 )
Ie AC-51
25
A rms
Courant de surcharge non répétitif /Non repetitive overload current
tp=16,3ms (Fig. 3)
Itsm
250
A
Chute tension directe crête/ On state voltage drop
@ Ie nom
Vd
0,81 +
0,018 x I
V
Thermal resistance between junction to case :Rthj/c
one leg
0,85
K/W
Courant de fuite état bloqué/ Off state leakage current
@Ue, 60Hz
Ilk
<1
mA
Courant de charge minimum / Minimum load current
Ie min
50
mA
Temps de fermeture/ Turn on time
Uc nom DC ,f=60Hz
ton max
8,3
ms
Temps d'ouverture/ Turn off time
Uc nom DC ,f=60Hz
toff max
8,3
ms
Plage de fréquence / Operating frequency range
f
47-440
Hz
dv/dt état bloqué / Off state dv/dt
dv/dt
500
V/
µs
I
2t (<10ms)
60hz
I
2t
260
A
2s
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 2 / 3 F/GB
0
2
4
6
8
10 12 14 16 18 20 22 24
0
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
0
RMS load current (A)
0
10
20
30
40
50
60
70
80
90
100
0
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
0
Ambient temperature (
°C)
4K/W
2K/W
1,5K/W
1K/W
0,75K/W
3 ways
2 ways
1 way



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com