Electronic Components Datasheet Search
  English  ▼

X  

ECS-100AX Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-100AX
Description  CLOCK OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-100AX Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-100AX Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
32
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
OSCILLATORS
OSCILLATORS
* Inclusive of 25˚C tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration.
The ECS-100X clock oscillator is fully com-
patible with TTL circuitry. The metal package
with pin #7 case ground acts as shielding to
minimize radiation.
FEATURES
• 10 TTL output load
• Low cost
• Wide frequency range
• Industry standard footprint
• Resistance weld package
• 3.3V operation (optional)
• PbFree/RoHS Compliant
ECS-100X SERIES
CLOCK OSCILLATOR
PART NUMBERING GUIDE
PART NUMBER *
FREQUENCY STABILITY
ECS-100AX
±100 PPM
ECS-100BX
±50 PPM
ECS-100CX
±25 PPM
* Complete part number to include frequency. i.e. ECS-100AX-100 (100 = 10.000MHz)
Ø0.45
15.24
1
7
14
8
20.86 max
Figure 1) ECS-100X Series Side and Bottom views
0 VDC
40% min
60% max
2.4V DC
1 LEVEL
0 LEVEL
TR
TF
0.4V DC (0.5V DC)
1.4V DC
Figure 2) Output Wave Form
Figure 3) Pin Connections
PACKAGE DIMENSIONS (mm)
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS
FREQUENCY RANGE
CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
FREQUENCY RANGE (fo)
1.000 ~ 150.000
1.000
150.000
MHz
OPERATING TEMP. RANGE (TOPR)
1.000 ~ 150.000
0
+70
˚C
STORAGE TEMP. RANGE
(TSTG)
1.000 ~ 150.000
-55
+125
˚C
FREQUENCY STABILITY
1.000 ~ 150.000
All conditions*
-100
+100
PPM
1.000 ~ 7.999
max. load
15
mA
8.000 ~ 23.999
max. load
30
mA
24.000 ~ 69.999
max. load
70
mA
INPUT CURRENT (IDD)
70.000 ~ 150.000
max. load
80
mA
1.000 ~ 7.999
1.4V level
45
50 ±3
55
%
OUTPUT SYMMETRY
8.000 ~ 150.000
1.4V level
40
50 ±3
60
%
1.000 ~ 24.999
0.4V ~ 2.4V
10
nS
25.000 ~ 69.999
0.5V ~ 2.4V
5
nS
RISE TIME (TR)
70.000 ~ 150.000
0.5V ~ 2.4V
4
nS
1.000 ~ 24.999
2.4V ~ 0.4V
10
nS
25.000 ~ 69.999
2.4V ~ 0.5V
5
nS
FALL TIME (TF)
70.000 ~ 150.000
2.4V ~ 0.5V
4
nS
1.000 ~ 24.999
IOL = 20 mA
0.4
V
25.000 ~ 150.000
IOL = 20 mA
0.5
V
OUTPUT VOLTAGE
(VOH)
70.000 ~ 150.000
IOH = 1 mA
2.4
V
1.000 ~ 150.000
VOL = 0.5 V
20
mA
OUTPUT CURRENT
(IOH)
1.000 ~ 150.000
VOH = 2.4 V
1.0
mA
OUTPUT LOAD
1.000 ~ 150.000
10
TTL
1.000 ~ 3.499
20
mS
3.500 ~ 3.999
35
mS
4.000 ~ 5.999
30
mS
6.000 ~ 19.999
20
mS
START-UP TIME (TS)
20.000 ~ 150.000
15
mS
SUPPLY VOLTAGE
1.000 ~ 150.000
+5.0 ±0.25
–
VDC
(VOL)
(VOL)
(IOL)
PIN CONNECTIONS
#1
NC
#7
CASE GND
#8
OUTPUT
#14
+5 V DC


Similar Part No. - ECS-100AX

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-100AX ECS-ECS-100AX Datasheet
183Kb / 2P
10 TTL output load Low cost
More results

Similar Description - ECS-100AX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
CLOCK OSCILLATOR
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
CLOCK OSCILLATOR
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
Clock Oscillator
March, 2009 ??Rev. 2
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
Clock Oscillator
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
Clock oscillator
01/02/2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com