Electronic Components Datasheet Search
  English  ▼

X  

AOTF10N60 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOTF10N60
Description  600V, 10A N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF10N60 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOTF10N60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF10N60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF10N60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF10N60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF10N60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF10N60 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOT10N60 / AOTF10N60
Symbol
Min
Typ
Max
Units
600
V
700
V
BVDSS
/∆TJ
0.65
V/
oC
1
10
IGSS
±100
nA
VGS(th)
345
V
RDS(ON)
0.6
0.75
Ω
gFS
15
S
VSD
0.73
1
V
IS
10
A
ISM
36
A
Ciss
1100
1320
1600
pF
Coss
105
130
160
pF
Crss
7.5
9.3
11
pF
Rg
3
3.8
6
Ω
Qg
31.1
40
nC
Qgs
6.4
10
nC
Qgd
14.4
20
nC
tD(on)
28
35
ns
tr
66
80
ns
tD(off)
76
95
ns
tf
64
80
ns
trr
290
350
ns
Qrr
3.9
4.7
µC
4.4
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
VDS=480V, TJ=125°C
Breakdown Voltage Temperature
Coefficient
ID=250µA, VGS=0V
Gate Threshold Voltage
VDS=VGS, ID=250µA
VDS=600V, VGS=0V
VDS=0V, VGS=±30V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Body Diode Reverse Recovery Time
ID=250µA, VGS=0V, TJ=25°C
VGS=10V, ID=5A
Reverse Transfer Capacitance
IF=10A,dI/dt=100A/µs,VDS=100V
VGS=0V, VDS=25V, f=1MHz
SWITCHING PARAMETERS
IDSS
µA
Maximum Body-Diode Pulsed Current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IS=1A, VGS=0V
VDS=40V, ID=5A
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=300V, ID=10A,
RG=25Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=480V, ID=10A
Gate Source Charge
Gate Drain Charge
BVDSS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V, TJ=150°C
Body Diode Reverse Recovery Charge IF=10A,dI/dt=100A/µs,VDS=100V
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
A: The value of R θJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation
limit for cases where additional heatsinking is used.
C: Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C.
D. The R θJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of TJ(MAX)=150°C.
G. L=60mH, IAS=4.4A, VDD=50V, RG=25Ω, Starting TJ=25°C
Rev 0. July 2008
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com