Electronic Components Datasheet Search
  English  ▼

X  

AOT412L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOT412L
Description  N-Channel SDMOSTM Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT412L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOT412L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT412L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT412L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT412L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT412L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT412L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOT412L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
Features
(VGS = 10V)
(VGS = 10V)
(VGS = 7V)
- RoHS Compliant
100% UIS Tested!
- AOT412L is Halogen Free
100% R g Tested!
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
15
18
40
48
RθJC
0.7
1
Maximum Junction-to-Case
Steady-State
°C/W
Steady-State
°C/W
Maximum Junction-to-Ambient
A D
Power Dissipation
B
PD
W
Power Dissipation
A
PDSM
W
TA=70°C
150
1.7
TA=25°C
A
TA=25°C
IDSM
A
TA=70°C
ID
60
44
TC=25°C
TC=100°C
Repetitive avalanche energy L=0.1mH
C
mJ
Avalanche Current
C
6.6
Continuous Drain
Current
110
8.2
A
AOT412
N-Channel SDMOS
TM Power Transistor
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
The AOT412 and AOT412L is fabricated with SDMOS
TM
trench technology that combines excellent RDS(ON) with
low gate charge.The result is outstanding efficiency with
controlled switching behavi
or. This universal technology
is well suited for PWM, load switching and general
purpose applications.
RDS(ON) < 19.4mΩ
VDS (V) =100V
V
V
±25
Gate-Source Voltage
Drain-Source Voltage
100
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
°C/W
Parameter
RθJA
Junction and Storage Temperature Range
-55 to 175
°C
Thermal Characteristics
ID = 60A
RDS(ON) < 15.8mΩ
TC=25°C
2.6
75
TC=100°C
47
140
Pulsed Drain Current
C
Continuous Drain
Current
G
D
S
G
D S
TO-220
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOT412L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT412 ISC-AOT412 Datasheet
282Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - AOT412L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD452A AOSMD-AOD452A Datasheet
289Kb / 7P
N-Channel SDMOSTM POWER Transistor
AOD4136 AOSMD-AOD4136 Datasheet
156Kb / 6P
N-Channel SDMOSTM POWER Transistor
AOD4140 AOSMD-AOD4140 Datasheet
202Kb / 7P
N-Channel SDMOSTM POWER Transistor
AOD4142 AOSMD-AOD4142 Datasheet
151Kb / 7P
N-Channel SDMOSTM POWER Transistor
AOD4144 AOSMD-AOD4144 Datasheet
161Kb / 7P
N-Channel SDMOSTM Power Transistor
AOD472A AOSMD-AOD472A Datasheet
158Kb / 7P
N-Channel SDMOSTM POWER Transistor
logo
Infineon Technologies A...
IPP881N08NG INFINEON-IPP881N08NG Datasheet
226Kb / 6P
n-channel Power-Transistor
Rev. 2.1 2008-06-19
logo
Alpha & Omega Semicondu...
AOI452A AOSMD-AOI452A Datasheet
297Kb / 7P
N-Channel SDMOSTM Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com