Electronic Components Datasheet Search
  English  ▼

X  

AOTF409L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOTF409L
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF409L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOTF409L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF409L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF409L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF409L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF409L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF409L Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
Features
(VGS = -10V)
(VGS = -10V)
(VGS = -4.5V)
- RoHS Compliant
100% UIS Tested!
- AOTF409L Halogen Free
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
10
12
48.5
58
RθJC
2.9
3.5
ID = -24A
RDS(ON) < 40mΩ
TC=25°C
2.16
21
TC=100°C
-37
-60
Pulsed Drain Current
C
Continuous Drain
Current
G
Junction and Storage Temperature Range
-55 to 175
°C
Thermal Characteristics
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
°C/W
Parameter
RθJA
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
-60
AOTF409
P-Channel Enhancement Mode Field Effect Transistor
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
The AOTF409/L uses advanced trench technology to
provide excellent RDS(ON), low gate charge and low gate
resistance. With the excellent thermal resistance of the
TO220FL package, this device is well suited for high
current load applications.AOTF409 and AOTF409L are
electrically identical.
RDS(ON) < 54mΩ
VDS (V) =-60V
Repetitive avalanche energy L=0.1mH
C
mJ
Avalanche Current
C
-4.3
Continuous Drain
Current
68
-5.4
A
A
TA=25°C
IDSM
A
TA=70°C
ID
-24
-17
TC=25°C
TC=100°C
Power Dissipation
B
PD
W
Power Dissipation
A
PDSM
W
TA=70°C
43
1.38
TA=25°C
Maximum Junction-to-Case
Steady-State
°C/W
Steady-State
°C/W
Maximum Junction-to-Ambient
A D
G
D
S
TO-220FL
D
G
S
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOTF409L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOTF409 ISC-AOTF409 Datasheet
317Kb / 2P
isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOTF409 VBSEMI-AOTF409 Datasheet
946Kb / 7P
P-Channel 60 V (D-S) MOSFET
More results

Similar Description - AOTF409L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com