Electronic Components Datasheet Search
  English  ▼

X  

ECS-P35 Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-P35
Description  Programmable OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-P35 Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-P35 Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECS-P33/P35
Programmable OSCILLATOR
ECS-P33 (3.3V) and ECS-P35 (5.0V) subminiature programmable
oscillators. The miniature, very low profile, ceramic package is
ideal for today's SMD manufacturing environment.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
ECS-P33 (+3.3V)
MIN
TYP
MAX
MIN
TYP
MAX
ECS-P35 (+5.0V)
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
UNITS
Text
Text
Text
20% Vcc to 80% Vcc
@ ½ VCC Level
Extended (Option N)
Standard
Option B
Option A
Load
Enable/Disable Time
Start-Up Time
"1" Level
"0" Level
Jitter
Rise and Fall Times
Output Symmetry
Input Current
Input Voltage (VCC)
Storage Temperature
Operating Temperature
Frequency Stability*
Frequency Range
Text
Text
Text
Text
Text
Text
Text
Text
Text
40/60
40/60
+3.0
+3.3
+3.6
+5.0
+4.5
+5.5
-10
-40
-55
-10
-40
-55
Text
1.000
1.000
1.000
10
100
15
4
45
125.0
1.000
ms
ns
pF
pS p-p
ns
mA
%
VDC
VDC
VDC
°C
°C
°C
ppm
ppm
MHz
10
100
15
250
Vcc x 0.1
Vcc x0.9
Vcc x0.9
Vcc x 0.1
250
4
25
60/40
60/40
+70
+85
+70
+85
+125
+125
± 50
± 50
± 100
± 100
125.0
* Inclusive of 25° C tolerance, operating temperature range, input voltage change, load change aging, shock and vibration
PACKAGE DIMENSIONS (mm)
PART NUMBERING GUIDE: Example ECS - P33 - 16.384 - A - N
Pin Connections
Tri-State Control Voltage
Pin #1
Pin #2
Pin #3
Pin #4
Pin 3
Output
Output
High Impedance
P35 Pin 1
P33 Pin 1
Open
0.7 V Min.
0.2 V Max.
Open
2.0 V Min.
0.8 V Max.
SMD 3.3V & 5.0V Versions
3.2 x 2.5 mm Footprint
Extended Temp. Range Option
PLL Technology
One Time Programmable
RoHS Compliant
ECS
-
Voltage
-
Frequency
-
Stability
-
Temp. Range
P33 +3.3V
P35 +5.0V
16.384 =
16.384 MHz
A = +/- 100ppm
B = +/- 50ppm
Blank = -10 to +70° C
N = -40 to +85° C
Tri-State
Gnd
Output
Vcc


Similar Part No. - ECS-P35

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-P143 ECS-ECS-P143 Datasheet
173Kb / 1P
PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143-16.312-A-N ECS-ECS-P143-16.312-A-N Datasheet
173Kb / 1P
PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143X ECS-ECS-P143X Datasheet
177Kb / 1P
PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143X-16.312-A-N ECS-ECS-P143X-16.312-A-N Datasheet
177Kb / 1P
PROGRAMMABLE CLOCK OSCILLATOR
ECS-P145 ECS-ECS-P145 Datasheet
173Kb / 1P
PROGRAMMABLE CLOCK OSCILLATOR
More results

Similar Description - ECS-P35

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S99 AD-AD2S99 Datasheet
317Kb / 8P
Programmable Oscillator
REV. B
logo
Golledge Electronics Lt...
EXO3C GOLLEDGE-EXO3C Datasheet
60Kb / 1P
Programmable Oscillator
GXO-194 GOLLEDGE-GXO-194 Datasheet
53Kb / 1P
SM PROGRAMMABLE OSCILLATOR
logo
ECM Electronics Limited...
EXO-3 ECM-EXO-3 Datasheet
123Kb / 2P
Programmable Oscillator
logo
Analog Devices
AD2S99APZ AD-AD2S99APZ Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
AD2S99BPZ AD-AD2S99BPZ Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
logo
ECS, Inc.
ECS-P73 ECS-ECS-P73_14 Datasheet
132Kb / 2P
SMD PROGRAMMABLE OSCILLATOR
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
PROGRAMMABLE CLOCK OSCILLATOR
logo
Analog Devices
AD2S99 AD-AD2S99_15 Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
AD2S99 AD-AD2S99_17 Datasheet
351Kb / 9P
Programmable Oscillator
23-Feb-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com