Electronic Components Datasheet Search
  English  ▼

X  

ECS-DR2 Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-DR2
Description  TWO-PORT 180째 SAW RESONATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-DR2 Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-DR2 Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
71
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
SAW RESONATORS
SAW RESONATORS
ø 9.5 Max.
ø 0.45
1
2
3
From 50
Ω
Network
Analyzer
LTEST
12
3
To 50
Ω
Network
Analyzer
The ECS-DR2 Series are 2-port 180˚ SAW
(Surface Acoustic Wave) resonators in a
thru-hole TO39-3A package. They offer a
fundamental mode, quartz frequency and
are ideal for remote control and wireless
security transmitters.
FEATURES
• Quartz Stability
• 180˚ nominal insertion phase at resonance
• Ideal for wireless security and
remote control applications
• PbFree/RoHS Compliant
ECS-DR2 SERIES
TWO-PORT 180˚ SAW RESONATOR
PART NUMBERING GUIDE
- ECS SERIES
FREQUENCY (433.92 MHz)
ECS-DR2
–
4339
PACKAGE DIMENSIONS (mm)
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS
SYMBOL/NOTES
DR2-3100
DR2-3150
DR2-4073
DR2-4180
DR2-4339
UNITS
CENTER FREQUENCY
FO
310.0 ±0.1
315.0 ±0.075
407.3 ±0.1
418.0 ±0.075
433.92 ±0.075
MHz
INSERTION LOSS
IL
10.0
10.0
10.0
10.0
10.0
dB Max.
UNLOADED Q
12,000
12,000
12,000
12,000
12,000
50 Ohms LOADED Q
7,000
7,000
5,500
5,500
5,500
TURNOVER TEMPERATURE
15/45
15/45
15/45
15/45
15/45
˚C
FREQ. TEMP. COEFFICIENT
FTC
0.037
0.037
0.037
0.037
0.037
ppm/˚C
FREQUENCY AGING
< ±10
< ±10
< ±10
< ±10
< ±10
ppm/year
DC INSULATION RESISTANCE
Between any 2 pins
>1
>1
>1
>1
>1
MΩ
MAX. DC VOLTAGE
Between any 2 pins
10
10
10
10
30
VDC
PIN 1-TO-2 STATIC CAPACITANCE
1.4 ±0.3
1.4 ±0.3
1.4 ±0.3
1.4 ±0.3
1.3 ±0.3
pF
OPERATING TEMPERATURE
T0PR
-40 to +85
-40 to +85
-40 to +85
-40 to +85
-40 to +85
˚C
STORAGE TEMPERATURE
TSTG
-40 to +85
-40 to +85
-40 to +85
-40 to +85
-40 to +85
˚C
CASE
TO-39-3A
TO-39-3A
TO-39-3A
TO-39-3A
TO-39-3A
Figure 1) ECS-DR2 - Top, Side and Bottom views
Figure 2) Test Circuit
NO.
FUNCTION
1
INPUT
2
OUTPUT
3
GROUND


Similar Part No. - ECS-DR2

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-DR2R ECS-ECS-DR2R Datasheet
190Kb / 1P
Quartz Stability
More results

Similar Description - ECS-DR2

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTQ433 ACT-ACTQ433 Datasheet
63Kb / 3P
two-port, 180째 surface-acoustic-wave (SAW) resonator
SEPT 04
logo
Vanlong Technology Co.,...
SQ315 VANLONG-SQ315 Datasheet
173Kb / 2P
315.00 MHz Two-Port SAW Resonator
SQ403 VANLONG-SQ403 Datasheet
121Kb / 2P
403.55 MHz Two-Port SAW Resonator
SQ418 VANLONG-SQ418 Datasheet
121Kb / 2P
418.00 MHz Two-Port SAW Resonator
SQ433M42 VANLONG-SQ433M42 Datasheet
116Kb / 2P
433.42 MHz Two-Port SAW Resonator
SQ865 VANLONG-SQ865 Datasheet
115Kb / 2P
865.00 MHz Two-Port SAW Resonator
SQ868M30 VANLONG-SQ868M30 Datasheet
125Kb / 2P
868.30 MHz Two-Port SAW Resonator
SQ5902 VANLONG-SQ5902 Datasheet
131Kb / 2P
868.35 MHz Two Port SAW Resonator
logo
Oscilent Corporation
641-384.05M OSCILENT-641-384.05M Datasheet
139Kb / 3P
Two-Port 180째 SAW
641 OSCILENT-641 Datasheet
139Kb / 3P
Two-Port 180째 SAW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com