Electronic Components Datasheet Search
  English  ▼

X  

LTC2053CMS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2053CMS8
Description  Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053CMS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC2053CMS8 Datasheet HTML 1Page - Linear Technology LTC2053CMS8 Datasheet HTML 2Page - Linear Technology LTC2053CMS8 Datasheet HTML 3Page - Linear Technology LTC2053CMS8 Datasheet HTML 4Page - Linear Technology LTC2053CMS8 Datasheet HTML 5Page - Linear Technology LTC2053CMS8 Datasheet HTML 6Page - Linear Technology LTC2053CMS8 Datasheet HTML 7Page - Linear Technology LTC2053CMS8 Datasheet HTML 8Page - Linear Technology LTC2053CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2053/LTC2053-SYNC
3
2053syncfb
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Rejection Ratio (Note 6)
VS = 2.7V to 6V
●
110
116
dB
Output Voltage Swing High
RL = 2k to V –
●
2.85
2.94
V
RL = 10k to V
–
●
2.95
2.98
V
Output Voltage Swing Low
●
20
mV
Supply Current
No Load
●
0.75
1
mA
Supply Current, Shutdown
VEN ≥ 2.5V, LTC2053 Only
10
µA
EN/CLK Pin Input Low Voltage, VIL
0.5
V
EN/CLK Pin Input High Voltage, VIH
2.5
V
EN/CLK Pin Input Current
VEN/CLK = V–
– 0.5
–10
µA
Internal Op Amp Gain Bandwidth
200
kHz
Slew Rate
0.2
V/µs
Internal Sampling Frequency
3kHz
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gain Error
AV = 1
●
0.001
0.01
%
Gain Nonlinearity
AV = 1
●
3
10
ppm
Input Offset Voltage (Note 2)
VCM = 200mV
– 5
±10
µV
Average Input Offset Drift (Note 2)
TA = – 40°C to 85°C
●
±50
nV/°C
TA = 85°C to 125°C
●
–1
–2.5
µV/°C
Average Input Bias Current (Note 3)
VCM = 1.2V
●
410
nA
Average Input Offset Current (Note 3)
VCM = 1.2V
●
13
nA
Common Mode Rejection Ratio
AV = 1, VCM = 0V to 5V, LTC2053C
●
105
116
dB
(Notes 4, 5)
AV = 1, VCM = 0V to 5V, LTC2053C-SYNC
●
100
116
dB
AV = 1, VCM = 0.1V to 4.9V, LTC2053I
●
105
116
dB
AV = 1, VCM = 0.1V to 4.9V, LTC2053I-SYNC
●
100
116
dB
AV = 1, VCM = 0V to 5V, LTC2053I, LTC2053I-SYNC
●
95
116
dB
AV = 1, VCM = 0.1V to 4.9V, LTC2053H
●
100
dB
AV = 1, VCM = 0V to 5V, LTC2053H
●
85
dB
Power Supply Rejection Ratio (Note 6)
VS = 2.7V to 6V
●
110
116
dB
Output Voltage Swing High
RL = 2k to V –
●
4.85
4.94
V
RL = 10k to V –
●
4.95
4.98
V
Output Voltage Swing Low
●
20
mV
Supply Current
No Load
●
0.85
1.1
mA
Supply Current, Shutdown
VEN ≥ 4.5V, LTC2053 Only
10
µA
EN/CLK Pin Input Low Voltage, VIL
0.5
V
EN/CLK Pin Input High Voltage, VIH
4.5
V
EN/CLK Pin Input Current
VEN/CLK = V
–
–1
–10
µA
Internal Op Amp Gain Bandwidth
200
kHz
Slew Rate
0.2
V/µs
Internal Sampling Frequency
3kHz
ELECTRICAL CHARACTERISTICS
The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. V+ = 5V,
V– = 0V, REF = 200mV. Output voltage swing is referenced to V–. All other specifications reference the OUT pin to the REF pin.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V– = 0V, REF = 200mV. Output voltage swing is referenced
to V–. All other specifications reference the OUT pin to the REF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com