Electronic Components Datasheet Search
  English  ▼

X  

LTC2053CDD Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2053CDD
Description  Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053CDD Datasheet(HTML) 2 Page - Linear Technology

  LTC2053CDD Datasheet HTML 1Page - Linear Technology LTC2053CDD Datasheet HTML 2Page - Linear Technology LTC2053CDD Datasheet HTML 3Page - Linear Technology LTC2053CDD Datasheet HTML 4Page - Linear Technology LTC2053CDD Datasheet HTML 5Page - Linear Technology LTC2053CDD Datasheet HTML 6Page - Linear Technology LTC2053CDD Datasheet HTML 7Page - Linear Technology LTC2053CDD Datasheet HTML 8Page - Linear Technology LTC2053CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2053/LTC2053-SYNC
2
2053syncfb
EN/CLK
†
–IN
+IN
V–
1
2
3
4
8
7
6
5
V+
OUT
RG
REF
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 200°C/W
†PIN 1 IS EN ON LTC2053,
CLK ON LTC2053-SYNC
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
EN
–IN
+IN
V–
V+
OUT
RG
REF
TJMAX = 125°C, θJA = 160°C/W
UNDERSIDE METAL INTERNALLY
CONNECTED TO V–
(PCB CONNECTION OPTIONAL)
*LAEQ
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V
+ = 3V, V– = 0V, REF = 200mV. Output voltage swing is referenced
to V–. All other specifications reference the OUT pin to the REF pin.
PACKAGE/ORDER I FOR ATIO
Total Supply Voltage (V+ to V–) ............................... 11V
Input Current ...................................................... ±10mA
⏐VIN
+ – VREF⏐ ........................................................ 5.5V
⏐VIN
– – VREF⏐ ........................................................ 5.5V
Output Short Circuit Duration .......................... Indefinite
Operating Temperature Range
LTC2053C, LTC2053C-SYNC ................... 0°C to 70°C
ORDER PART NUMBER
DD PART MARKING
LTC2053CDD
LTC2053IDD
LTC2053HDD
ABSOLUTE
AXI U
RATI GS
(Note 1)
ORDER PART NUMBER
MS8 PART MARKING
LTVT
LTJY
LTAFB
LTC2053I, LTC2053I-SYNC ................ – 40°C to 85°C
LTC2053H ........................................ – 40°C to 125°C
Storage Temperature Range
MS8 Package ................................... – 65°C to 150°C
DD Package ...................................... – 65°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gain Error
AV = 1
●
0.001
0.01
%
Gain Nonlinearity
AV = 1, LTC2053
●
3
12
ppm
AV = 1, LTC2053-SYNC
●
3
15
ppm
Input Offset Voltage (Note 2)
VCM = 200mV
– 5
±10
µV
Average Input Offset Drift (Note 2)
TA = – 40°C to 85°C
●
±50
nV/°C
TA = 85°C to 125°C
●
–1
–2.5
µV/°C
Average Input Bias Current (Note 3)
VCM = 1.2V
●
410
nA
Average Input Offset Current (Note 3)
VCM = 1.2V
●
13
nA
Input Noise Voltage
DC to 10Hz
2.5
µVP-P
Common Mode Rejection Ratio
AV = 1, VCM = 0V to 3V, LTC2053C, LTC2053C-SYNC
●
100
113
dB
(Notes 4, 5)
AV = 1, VCM = 0.1V to 2.9V, LTC2053I, LTC2053I-SYNC
●
100
113
dB
AV = 1, VCM = 0V to 3V, LTC2053I, LTC2053I-SYNC
●
95
113
dB
AV = 1, VCM = 0.1V to 2.9V, LTC2053H
●
100
dB
AV = 1, VCM = 0V to 3V, LTC2053H
●
85
dB
LTC2053CMS8-SYNC
LTC2053IMS8-SYNC
LTC2053CMS8
LTC2053IMS8
LTC2053HMS8
*LTBNP
*The temperature grade (C, I, or H) is indicated on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com