Electronic Components Datasheet Search
  English  ▼

X  

B427 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # B427
Description  Sub-Miniature High Voltage Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

B427 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  B427 Datasheet HTML 1Page - Edal Industries, Inc. B427 Datasheet HTML 2Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sub-Miniature High Voltage Rectifiers
Compact tubular construction and flexible leads facilitate circuit mounting, provide excellent thermal conductivity
and eliminate sharp edges to reduce corona common to large, rectangular packages. Diodes are manufactured using
double junctions that are bonded and selected for uniform electrical characteristics. Series B427 and the BA223,
units all meet moisture resistance requirements of MIL Standard 202A, Method 106. Series B427 and BA223 are
available in voltage ratings of 1000 to 7000 volts PIV. The B427 is available in a current range of 50ma to 200ma
and the BA223 in a current range from 150ma to 1000ma. Both are available in standard and fast recovery series.
All series are available with special ratings on request. Other sizes and ratings are available.
Specifications B427, BA223
Standard series
PIV
Volts
PART
NO.
Io ma @
55o C
Vf
Io @ 25o C
PART
NO.
Io ma @
55o C
Vf
Io @ 25o C
1000
B427-10
200
5
BA223-10
1000
5
1500
B427-15
200
5
BA223-15
1000
5
2000
B427-20
200
5
BA223-20
700
5
2500
B427-25
200
5
BA223-25
700
5
3000
B427-30
200
5
BA223-30
500
5
3500
B427-35
100
7
BA223-35
500
7
4000
B427-40
100
7
BA223-40
400
7
4500
B427-45
100
7
BA223-45
400
7
5000
B427-50
100
7
BA223-50
300
7
5500
B427-55
50
10
BA223-55
300
10
6000
B427-60
50
10
BA223-60
200
10
6500
B427-65
50
10
BA223-65
200
10
7000
B427-70
50
10
BA223-70
150
10
Fast Recovery series
PIV
PART
Io ma @
Vf
PART
Io ma @
Vf
1000
BR427-10
100
7
BAR223-10
500
7
1500
BR427-15
100
7
BAR223-15
500
7
2000
BR427-20
100
7
BAR-223-20
350
7
2500
BR427-25
100
7
BAR-223-25
350
7
3000
BR427-30
100
7
BAR223-30
250
7
3500
BR427-35
50
10
BAR223-35
250
10
4000
BR427-40
50
10
BAR223-40
200
10
4500
BR427-45
50
10
BAR223-45
200
10
5000
BR427-50
50
10
BAR223-50
150
10
5500
BR427-55
25
15
BAR223-55
150
15
6000
BR427-60
25
15
BAR223-60
100
15
6500
BR427-65
25
15
BAR223-65
100
15
7000
BR427-70
25
15
BAR223-70
75
15
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - B427

ManufacturerPart #DatasheetDescription
logo
EPCOS
B42002 EPCOS-B42002 Datasheet
538Kb / 11P
Aluminum electrolytic capacitors
B42021 EPCOS-B42021 Datasheet
538Kb / 11P
Aluminum electrolytic capacitors
logo
List of Unclassifed Man...
B4206D ETC-B4206D Datasheet
86Kb / 1P
Elektronické součástky z dovozu
B4207D ETC-B4207D Datasheet
86Kb / 1P
Elektronické součástky z dovozu
B4211D ETC-B4211D Datasheet
86Kb / 1P
Elektronické součástky z dovozu
More results

Similar Description - B427

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FV05M FCI-FV05M Datasheet
63Kb / 1P
HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
GP02 FCI-GP02 Datasheet
108Kb / 2P
HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
Electronic devices inc.
EF100 EDI-EF100 Datasheet
54Kb / 2P
HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
HV15PD EDI-HV15PD Datasheet
85Kb / 2P
HIGH VOLTAGE RECTIFIERS ULTRA-MINIATURE AND MINIATURE
logo
Edal Industries, Inc.
B587 EDAL-B587 Datasheet
749Kb / 2P
Sub-Miniature High Voltage Rectifiers
B412 EDAL-B412 Datasheet
484Kb / 2P
Miniature High Voltage Silicon Rectifiers
B780 EDAL-B780 Datasheet
50Kb / 1P
SUB-MINIATURE SILICON HIGH VOLTAGE RECTIFIER
BT780 EDAL-BT780 Datasheet
51Kb / 1P
SUB-MINIATURE SILICON HIGH VOLTAGE RECTIFIER
BS697 EDAL-BS697 Datasheet
221Kb / 1P
SUB-MINIATURE SILICON HIGH VOLTAGE RECTIFIER
logo
FCI connector
FV05M-04 FCI-CONNECTOR-FV05M-04 Datasheet
89Kb / 1P
HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com