Electronic Components Datasheet Search
  English  ▼

X  

B285 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # B285
Description  Silicon Bridge Rectifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

B285 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  B285 Datasheet HTML 1Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edal
SERIES B285
Silicon Bridge Rectifier
INCHES
MILLIMETER
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.420
0.460
10.7
11.7
B
.050
12.7
C
0.028
0.034
0.76
0.86
D
0.14
0.16
3.60
4.10
E
0.180
0.20
4.6
5.1
F
0.039
0.055
1.0
1.4
G
.560
.600
14.2
15.2
ELECTRICAL RATINGS
MAXIMUM AVERAGE CURRENT
SINGLE PHASE FULL WAVE @ 55o C Io
1.5 AMPS
MAXIMUM SINGLE CYCLE SURGE
CURRENT (IFSM)
60 AMPS
MAXIMUM FORWARD VOLTAGE DROP @ 25o C
@ Io AMPS VF VOLTS (PER SECTION)
1.0 VOLTS
MAXIMUM REVERSE CURRENT @ PIV @ 25o C
10 uA
@PIV @ 100oC
.5 mA
PART NUMBER
PIV
B285-5-1
50
B285-10-1
100
B285-20-1
200
B285-40-1
400
B285-60-1
600
B285-80-1
800
B285-100-1
1000
B285-120-1
1200
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@ edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - B285

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B2852 ETC1-B2852 Datasheet
2Mb / 15P
The temperature was measured using the FG-100 thermometer.
logo
Knowles Capacitors All ...
B285LB2S JOHANSONMANUFACTURING-B285LB2S Datasheet
821Kb / 4P
28.5 GHz Surface Mount Bandpass Filter
01/2020
B285LB2S-T JOHANSONMANUFACTURING-B285LB2S-T Datasheet
821Kb / 4P
28.5 GHz Surface Mount Bandpass Filter
01/2020
More results

Similar Description - B285

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B901 EDAL-B901 Datasheet
75Kb / 1P
Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
SILICON BRIDGE RECTIFIER
KBPC10005PT CHENMKO-KBPC10005PT Datasheet
76Kb / 2P
SILICON BRIDGE RECTIFIER
KBPC15005PT CHENMKO-KBPC15005PT Datasheet
133Kb / 2P
SILICON BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
KBU8A EIC-KBU8A Datasheet
50Kb / 2P
Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
SILICON BRIDGE RECTIFIER
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU6005 JUXING-KBU6005 Datasheet
463Kb / 2P
SILICON BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
1B4B42 NJSEMI-1B4B42 Datasheet
86Kb / 2P
SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU8005 JUXING-KBU8005_18 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com