Electronic Components Datasheet Search
  English  ▼

X  

RW04M Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # RW04M
Description  Silicon Bridge Rectifier Fast Recovery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

RW04M Datasheet(HTML) 1 Page - Edal Industries, Inc.

  RW04M Datasheet HTML 1Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edal
SERIES RW
Silicon Bridge Rectifier Fast Recovery
Type
PIV
Max. Average
Rectified
Current @ Half-
Wave Res. Load
60 Hz
Max. Forward
Peak Surge
Current @
60 Hz
Superimposed
Max. Reverse
Current @
PIV Voltage
@
25o C Ta
Max.
Forward
Voltage @
25o C Ta
Max. Reverse
Recovery
Time
Io
@
Ta
IFM (Surge)
Ir
Ifm
Vfm
Trr
Vpk
Aav
25o C
APK
u ADC
Apk
Vpk
Nsec
RW 005M
50
1.5
25o C
50
10
1.0
1.3
200
RW02M
200
1.5
25o C
50
10
1.0
1.3
200
RW04M
400
1.5
25o C
50
10
1.0
1.3
200
RW06M
600
1.5
25o C
50
10
1.0
1.3
350
RW08M
800
1.5
25o C
50
10
1.0
1.3
350
RW10M
1000
1.5
25o C
50
10
1.0
1.3
500
NOTES: REVERSE RECOVERY TEST CONDITIONS: IF = 0.5A, IR = 1.0A RECOVER TO 25 MA.
OPERATING TEMPERATURE RANGE: -55O C TO +125O C
STORAGE TEMPERATURE RANGE:
-55O C TO +150O C
FOR CAPACITANCE LOAD DERATE CURRENT BY 20%
INDIVIDUAL TECHNICAL DATA SHEETS GIVING RATING AND CHARACTERISTIC CURVES
ARE AVAILABLE
THE PLASTIC MATERIAL USED IN THE BRIDGES OF 0.5 TO 8 AMPERE RATING CARRIES U/L
RECOGNITION 94 V-0
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@ edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - RW04M

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
RW04M NJSEMI-RW04M Datasheet
93Kb / 1P
1.5 AMPERE FAST-RECOVERY MINIATURE SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - RW04M

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
FBR600 EDAL-FBR600 Datasheet
82Kb / 1P
Silicon Fast Recovery Bridge Rectifier
FBR1000 EDAL-FBR1000 Datasheet
82Kb / 1P
Silicon Fast Recovery Bridge Rectifier
BR1203 EDAL-BR1203 Datasheet
878Kb / 2P
SILICON FAST RECOVERY BRIDGE RECTIFIER
BR1203W EDAL-BR1203W Datasheet
858Kb / 2P
SILICON FAST RECOVERY BRIDGE RECTIFIER
logo
Rectron Semiconductor
FRS201L RECTRON-FRS201L Datasheet
105Kb / 1P
FAST RECOVERY BRIDGE RECTIFIER
logo
Central Semiconductor C...
CBR1F-D010 CENTRAL-CBR1F-D010 Datasheet
56Kb / 2P
FAST RECOVERY SILICON BRIDGE RECTIFIER
CR6AF1GPP CENTRAL-CR6AF1GPP_15 Datasheet
83Kb / 2P
FAST RECOVERY SILICON BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
Z4RGP20MH ZOWIE-Z4RGP20MH Datasheet
53Kb / 2P
Fast Recovery Bridge Rectifier
Z4RGP30MAPH ZOWIE-Z4RGP30MAPH Datasheet
51Kb / 2P
Fast Recovery Bridge Rectifier
Z4RGP30MPH ZOWIE-Z4RGP30MPH Datasheet
52Kb / 2P
Fast Recovery Bridge Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com