Electronic Components Datasheet Search
  English  ▼

X  

G5M3 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # G5M3
Description  Silicon Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

G5M3 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  G5M3 Datasheet HTML 1Page - Edal Industries, Inc. G5M3 Datasheet HTML 2Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Edal
SERIES G5, G6, G7
Silicon Power Rectifiers
Edal Series G power rectifiers are stud mounted DO-8 packages. Because the silicon junction is carefully fitted
within a glass-to-metal hermetically sealed case, reliable operation is assured, even with extreme humidity and
under other severe environmental conditions. The series G power rectifiers are completely corrosion resistant.
A double diffused, passivated junction technique is utilized to provide stable uniform electrical characteristics.
Inherent in their design is very low leakage currents and excellent surge handling capability. Standard, bulk
avalanche and fast recovery types in voltage ratings from 50 to 1500 volts PIV are available. Series G power
rectifiers are also available in reverse polarity offering extended application parameters. Edal Series G power
rectifiers are ideal for a broad range of commercial and military uses including power supplies, ultrasonic
systems, inverters, welders, emergency generators, battery chargers, DC motors, and motor controls.
Specifications
Electrical Ratings
G5
G6
G7
Maximum forward current single Phase Half Wave
Case Temperature o C
130
125
125
Io Amps
125
150
200
Maximum Surge Current
Single Cycle Amps
1800
2100
3000
Maximum Forward Drop at 25 o C Case
Io Amps
200
200
200
Vf Volts
1.2
1.1
1.05
Maximum Reverse Current
FCA @ 150 C ma
5.0
5.0
5.0
Maximum I 2 T (less than 8 ms)
Amps 2 – Sec
13500
18200
23500
Reverse Power for Bulk Avalanche (Joules)
1.0
1.0
1.5
Storage Temperature o C
-65 to 200
-65 to 200
-65 to 200
Operating Temperature o C
-65 to 190
-65 to 190
-65 to 190
Thermal Impedance Maximum
(Junction to Case) o C/Watt Maximum
.40
.35
.30
Jedec Style
DO8
DO8
DO8
PIV
VOLTS
125
AMPS
150
AMPS
200
AMPS
50
G5A3
G6A3
G7A3
100
G5B3
G6B3
G7B3
200
G5C3
G6C3
G7C3
250
G5D3
G6D3
G7D3
300
G5E3
G6E3
G7E3
350
G5F3
G6F3
G7F3
400
G5G3
G6G3
G7G3
500
G5H3
G6H3
G7H3
600
G5K3
G6K3
G7K3
700
G5M3
G6M3
G7M3
800
G5N3
G6N3
G7N3
1000
G5P3
G6P3
G793
1200
G5R3
G6R3
G7R3
1500
G5S3
G6S3
G7S3


Similar Part No. - G5M3

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5M1119 GTM-G5M1119 Datasheet
249Kb / 4P
0.5A Positive Low Dropout Fixed-Mode Regulator with EN Function
G5M2111 GTM-G5M2111 Datasheet
745Kb / 5P
CMOS Positive Voltage Regulator
logo
E-Tech Electronics LTD
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
logo
GTM CORPORATION
G5M2163 GTM-G5M2163 Datasheet
545Kb / 7P
CMOS Positive Voltage Regulator
logo
E-Tech Electronics LTD
G5M2163 ETL-G5M2163 Datasheet
562Kb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results

Similar Description - G5M3

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183 Datasheet
160Kb / 2P
Silicon-Power Rectifiers
1N1199A DIOTEC-1N1199A Datasheet
154Kb / 2P
Silicon-Power Rectifiers
logo
List of Unclassifed Man...
VF10-5 ETC-VF10-5 Datasheet
167Kb / 1P
High voltage diffused silicon power rectifiers
logo
Edal Industries, Inc.
E4A3 EDAL-E4A3 Datasheet
1Mb / 2P
Silicon Power Rectifiers
F3A3 EDAL-F3A3 Datasheet
839Kb / 2P
Silicon Power Rectifiers
J5A3 EDAL-J5A3 Datasheet
848Kb / 2P
Silicon Power Rectifiers
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183_07 Datasheet
129Kb / 2P
Silicon-Power-Rectifiers
1N1199A DIOTEC-1N1199A_07 Datasheet
128Kb / 2P
Silicon-Power-Rectifiers
logo
New Jersey Semi-Conduct...
1N248 NJSEMI-1N248 Datasheet
100Kb / 1P
Silicon Power Rectifiers
1N1202A NJSEMI-1N1202A Datasheet
124Kb / 1P
Silicon Avalanche Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com