Electronic Components Datasheet Search
  English  ▼

X  

E8F3 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # E8F3
Description  Silicon Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

E8F3 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  E8F3 Datasheet HTML 1Page - Edal Industries, Inc. E8F3 Datasheet HTML 2Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Edal
SERIES E4, E7, E8
Silicon Power Rectifiers
Edal Series E power rectifiers are stud mounted DO-4 packages. The silicon junction is carefully fitted within a glass-to-metal
hermetically sealed case, reliable operation is assured, even with extreme humidity and under other severe environmental
conditions. The series E power rectifiers are completely corrosion resistant. A double diffused, passivated junction technique is
utilized to provide stable uniform electrical characteristics. Inherent in their design is very low leakage currents and excellent surge
handling capability. Standard, bulk avalanche and fast recovery types in voltage ratings from 50 to 1500 volts PIV are available.
Series E power rectifiers are also available in reverse polarity offering extended application parameters. Edal Series E power
rectifiers are ideal for use in applications where economy, power capability and reliability are demanding considerations.
Specifications
CATHODE TO STUD. FOR ANODE TO STUD ADD SUFFIX
“R” TO P/N - EX - E7A3R.
TO DESIGNATE FAST RECOVERY TYPES USE LETTERS “R”,
“S” OR “T” EX: ES7A3. R=500 nsec, S=200 nsec, T=100 nsec
FOR AVALANCHE USE SUFFIX 9 INPLACE OF 3 Ex: E7A9
Maximum Operating Frequency 100,000 Cycles per Second
ELECTRICAL RATINGS
E4
E7
E8
Maximum Forward Current Single Phase Half Wave
Case Temperature Oc
Io AMPS
126
16
131
22
121
30
Maximum Surge Current
Single Cycle Amps
200
250
300
Maximum Forward Drop @ 25oC Case
Io Amps
Vf Volts
30
1.3
30
1.2
30
1.2
Maximum Reverse Current
FCA @ 150oC ma
1.0
1.0
1.0
Maximum I2T (less than 8ms) Amps2 – Sec
165
250
350
Reverse Power for Bulk Avalanche (Joules)
0.16
0.16
.16
Storage Temperature oC
-55 to +190
-55 to +190
-55 to +190
Operating Temperature oC
- 40 to +175
-40 to +175
- 40 to 175
Thermal Impedance Maximum
(Junction to Case) oC/Watt Maximum
3.0
2.0
3.0
Jedec Style
DO-4
DO-4
DO-4
PIV
VOLTS
16
AMP
22
AMP
30
AMPS
50
E4A3
E7A3
E8A3
100
E4B3
E7B3
E8B3
200
E4C3
E7C3
E8C3
250
E4D3
E7D3
E8D3
300
E4E3
E7E3
E8E3
350
E4F3
E7F3
E8F3
400
E4G3
E7G3
E8G3
500
E4H3
E7H3
E8H3
600
E4K3
E7K3
E8K3
700
E4M3
E7M3
E8M3
800
E4N3
E7N3
E8N3
1000
E4P3
E7P3
E8P3
1200
E4R3
E7R3
E8R3
1500
E4S3
E7S3
E8S3


Similar Part No. - E8F3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E8F2 OMRON-E8F2 Datasheet
779Kb / 9P
Pressure Sensor with Easy-to-Read LED Display
2021.5
E8F2-A01B OMRON-E8F2-A01B Datasheet
779Kb / 9P
Pressure Sensor with Easy-to-Read LED Display
2021.5
E8F2-A01C OMRON-E8F2-A01C Datasheet
779Kb / 9P
Pressure Sensor with Easy-to-Read LED Display
2021.5
E8F2-AN0B OMRON-E8F2-AN0B Datasheet
779Kb / 9P
Pressure Sensor with Easy-to-Read LED Display
2021.5
E8F2-AN0C OMRON-E8F2-AN0C Datasheet
779Kb / 9P
Pressure Sensor with Easy-to-Read LED Display
2021.5
More results

Similar Description - E8F3

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183 Datasheet
160Kb / 2P
Silicon-Power Rectifiers
1N1199A DIOTEC-1N1199A Datasheet
154Kb / 2P
Silicon-Power Rectifiers
logo
List of Unclassifed Man...
VF10-5 ETC-VF10-5 Datasheet
167Kb / 1P
High voltage diffused silicon power rectifiers
logo
Edal Industries, Inc.
F3A3 EDAL-F3A3 Datasheet
839Kb / 2P
Silicon Power Rectifiers
G5A3 EDAL-G5A3 Datasheet
626Kb / 2P
Silicon Power Rectifiers
J5A3 EDAL-J5A3 Datasheet
848Kb / 2P
Silicon Power Rectifiers
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183_07 Datasheet
129Kb / 2P
Silicon-Power-Rectifiers
1N1199A DIOTEC-1N1199A_07 Datasheet
128Kb / 2P
Silicon-Power-Rectifiers
logo
New Jersey Semi-Conduct...
1N248 NJSEMI-1N248 Datasheet
100Kb / 1P
Silicon Power Rectifiers
1N1202A NJSEMI-1N1202A Datasheet
124Kb / 1P
Silicon Avalanche Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com