Electronic Components Datasheet Search
  English  ▼

X  

F5K3 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # F5K3
Description  Silicon Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

F5K3 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  F5K3 Datasheet HTML 1Page - Edal Industries, Inc. F5K3 Datasheet HTML 2Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Edal
SERIES F3, F4, F5, F6, F7
Silicon Power Rectifiers
Edal Series F power rectifiers are stud mounted DO-5 packages. Because the silicon junction is carefully fitted within a glass-to-metal
hermetically sealed case, reliable operation is assured, even with extreme humidity and under other severe environmental conditions. The series F
power rectifiers are completely corrosion resistant. A double diffused, passivated junction technique is utilized to provide stable uniform
electrical characteristics. Inherent in their design is very low leakage currents and excellent surge handling capability. Standard, bulk avalanche
and fast recovery types in voltage ratings from 50 to 1500 volts PIV are available. Series F power rectifiers are also available in reverse polarity
offering extended application parameters. Edal Series F power rectifiers are ideal for a broad range of commercial and military uses including
power supplies, ultrasonic systems, inverters, welders, emergency generators, battery chargers, DC motors, and motor controls.
Specifications
ELECTRICAL RATINGS
F3
F4
F5
F6
F7
Maximum Forward Current Single Phase Half Wave
Case Temperature oC
124
123
122
138
132
Io AMPS
30
37
45
70
85
Maximum Surge Current
Single Cycle Amps
300
600
700
1200
1500
Maximum Forward Drop @ 25oC Case
Io Amps
90
90
90
200
200
Vf Volts
1.3
1.2
1.15
1.29
1.2
Maximum Reverse Current
FCA @ 150oC ma
1.0
2.0
2.0
2.0
2.0
Maximum I2T (less than 8ms)
Amps2-Sec
350
1500
2100
6000
9300
Reverse Power for Bulk Avalanche (Joules)
0.6
0.6
0.6
0.6
0.6
Storage Temperature oC
-65 to 200
-65 to 200
-65 to 200
-65 to 200
-65 to 200
Operating Temperature oC
-65 to 190
-65 to 190
-65 to 190
-65 to 190
-65 to 190
Thermal Impedance Maximum
(Junction to Case) oC/Watt Maximum
1.8
1.5
1.25
0.65
0.6
Jedec Style
DO5
DO5
DO5
DO5
DO5
PIV
VOLTS
30
AMP
37
AMP
45
AMP
70
AMP
85
AMP
50
F3A3
F4A3
F5A3
F6A3
F7A3
100
F3B3
F4B3
F5B3
F6B3
F7B3
200
F3C3
F4C3
F5C3
F6C3
F7C3
250
F3D3
F4D3
F5D3
F6D3
F7D3
300
F3E3
F4E3
F5E3
F6E3
F7E3
350
F3F3
F4F3
F5F3
F6F3
F7F3
400
F3G3
F4G3
F5G3
F6G3
F7G3
500
F3H3
F4H3
F5H3
F6H3
F7H3
600
F3K3
F4K3
F5K3
F6K3
F7K3
700
F3M3
F4M3
F5M3
F6M3
F7M3
800
F3N3
F4N3
F5N3
F6N3
F7N3
1000
F3P3
F4P3
F5P3
F6P3
F7P3
1200
F3R3
F4R3
F5R3
F6R3
F7R3
1500
F3S3
F4S3
F5S3
F6S3
F7S3


Similar Part No. - F5K3

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
F5K120 DIOTEC-F5K120 Datasheet
121Kb / 3P
Protectifiers - LowVF-Rectifier with Overvoltage Protection
F5K120 DIOTEC-F5K120 Datasheet
165Kb / 2P
Fast Efficient Rectifier Diodes
F5K120 DIOTEC-F5K120_13 Datasheet
126Kb / 2P
LowVF-Rectifier with Overvoltage Protection
F5K120 DIOTEC-F5K120_15 Datasheet
126Kb / 2P
Rectifier with Overvoltage Protection
F5K120 DIOTEC-F5K120_18 Datasheet
165Kb / 2P
Fast Efficient Rectifier Diodes
More results

Similar Description - F5K3

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183 Datasheet
160Kb / 2P
Silicon-Power Rectifiers
1N1199A DIOTEC-1N1199A Datasheet
154Kb / 2P
Silicon-Power Rectifiers
logo
List of Unclassifed Man...
VF10-5 ETC-VF10-5 Datasheet
167Kb / 1P
High voltage diffused silicon power rectifiers
logo
Edal Industries, Inc.
E4A3 EDAL-E4A3 Datasheet
1Mb / 2P
Silicon Power Rectifiers
G5A3 EDAL-G5A3 Datasheet
626Kb / 2P
Silicon Power Rectifiers
J5A3 EDAL-J5A3 Datasheet
848Kb / 2P
Silicon Power Rectifiers
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183_07 Datasheet
129Kb / 2P
Silicon-Power-Rectifiers
1N1199A DIOTEC-1N1199A_07 Datasheet
128Kb / 2P
Silicon-Power-Rectifiers
logo
New Jersey Semi-Conduct...
1N248 NJSEMI-1N248 Datasheet
100Kb / 1P
Silicon Power Rectifiers
1N1202A NJSEMI-1N1202A Datasheet
124Kb / 1P
Silicon Avalanche Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com