Electronic Components Datasheet Search
  English  ▼

X  

B191 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # B191
Description  Silicon Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

B191 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  B191 Datasheet HTML 1Page - Edal Industries, Inc. B191 Datasheet HTML 2Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Edal
SERIES B191
Silicon Bridge Rectifier
INCHES
MILLIMETER
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.405
0.445
10.5
11.3
B
0.58
0.62
14.7
15.75
C
0.142
0.158
3.6
4.0
D
0.047
0.127
1.2
3.2
E
0.75
19.1
F
0.038
0.042
0.97
1.1
G
0.23
0.27
5.8
6.9
ELECTRICAL RATINGS
MAXIMUM FORWARD CURRENT
SINGLE PHASE FULL WAVE @ 55o C Io AMPS
6.0 AMPS
MAXIMUM SINGLE CYCLE SURGE CURRENT
200 AMPS
MAXIMUM FORWARD VOLTAGE DROP @ 25o C
Io AMPS (FULL WAVE)
6.0
V VOLTS (PER SECTION)
1.0
MAXIMUM REVERSE CURRENT @ PIV @ 25o C
10 uA
PART NUMBER
PIV
B191-5-1
50
B191-10-1
100
B191-20-1
200
B191-30-1
300
B191-40-1
400
B191-50-1
500
B191-60-1
600
B191-70-1
700
B191-80-1
800
B191-100-1
1000
B191-120-1
1200
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@ edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - B191

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B1911 HARVATEK-B1911 Datasheet
946Kb / 14P
Top View Chip LED
07/27/2017 Version 1.2
B1911NG HARVATEK-B1911NG Datasheet
1,020Kb / 14P
Top Mount Chip LED
11/19/2019 Version 1.0
B1911NG--20D-004314 HARVATEK-B1911NG--20D-004314 Datasheet
1,020Kb / 14P
Top Mount Chip LED
11/19/2019 Version 1.0
B1911UYG-20D-000714 HARVATEK-B1911UYG-20D-000714 Datasheet
946Kb / 14P
Top View Chip LED
07/27/2017 Version 1.2
logo
Knowles Capacitors All ...
B191KA1S JOHANSONMANUFACTURING-B191KA1S Datasheet
949Kb / 5P
19.1GHz Surface Mount Bandpass Filter
December 2024
More results

Similar Description - B191

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
SILICON BRIDGE RECTIFIER
KBPC10005PT CHENMKO-KBPC10005PT Datasheet
76Kb / 2P
SILICON BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
KBU8A EIC-KBU8A Datasheet
50Kb / 2P
Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
SILICON BRIDGE RECTIFIER
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU6005 JUXING-KBU6005 Datasheet
463Kb / 2P
SILICON BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
1B4B42 NJSEMI-1B4B42 Datasheet
86Kb / 2P
SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU8005 JUXING-KBU8005_18 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com