Electronic Components Datasheet Search
  English  ▼

X  

KAM1003 Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

Part # KAM1003
Description  AC - DC POWER MODULE 10W UL / cUL / TUV / CE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

KAM1003 Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  KAM1003 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. KAM1003 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. KAM1003 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. KAM1003 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
Operating at Vi nom, Io nom
K H z
3,000
VAC
M
100
-20
+ 71
oC
100
Case temperature
Operating at Vi nom, Io nom
+ 80
o
Vi nom, Io nom +51 to +71 C
Storage temperature
-40
Derating
Non operational
o
% / C
+100
2
oC
KAM10 SERIES
AC - DC POWER MODULE
www.chinfa.com
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
UL / cUL
UL1950
TUV
EN60950
APPROVALS AND STANDARDS
CE
EN55022 class B for EMI
EN50082-1 for EMS
Input fuse
T2A / 250VAC internal
Output short circuit
By current limited
CONTROL AND PROTECTION
Characteristics
Conditions
min.
unit
Output voltage accuracy
Minimum load
Line regulation
Load regulation
Vi nom, Io nom
Vi nom
single output models
dual output models (each output)
Io nom, Vi min ...Vi max
Vi nom,
Io min ...Io nom
typ.
max.
0
20
%
%
%
2
1
Transient recovery time
Temperature coefficient
Vi nom, Io nom = 1
0.5 Io nom
Vi nom, Io nom
%
%
2
%
1,000
S
0.02
Ripple & noise
Vi nom, Io nom,
BW = 20MHz
o
% / C
External trim ADJ. Range
1)
(for single output only)
Io =5% ...100%
mV
Efficiency
Vi nom, Io nom, Po / Pi
Up to 78%, See model list
OUTPUT SPECIFICATIONS
Vout x
1% p-p max.
single output models
dual output models
3.3V models
5V ...24V models
-10
2
100
+10
mV
%
NOTE 1 : Pls refer to Fig 1 & Table 1 for connection and resistance recommended.
Characteristics
Conditions
min.
unit
Rated input voltage
Input voltage range
Line frequency
Inrush current
Io nom
Io nom
AC in
DC in
Vi nom, Io nom
Io nom
typ.
max.
85
120
VAC
VAC
Hz
VDC
A
A
Vi :115VAC
Vi : 230VAC
INPUT SPECIFICATIONS
85
265
370
265
47
63
10
18
sales@chinfa.com
Vi nom, Io nom
95
Relative humidity
Dimension
L76.2 x W50.8 x H22.6
mm
% R H
Cooling
Free air convection
Case material
Plastic
GENERAL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com