Electronic Components Datasheet Search
  English  ▼

X  

KAMN3012 Datasheet(PDF) 2 Page - Chinfa Electronics Ind. Co., Ltd.

Part # KAMN3012
Description  AC - DC POWER MODULE 20 ~ 30W UL / cUL / TUV / CE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

KAMN3012 Datasheet(HTML) 2 Page - Chinfa Electronics Ind. Co., Ltd.

  KAMN3012 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. KAMN3012 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. KAMN3012 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. KAMN3012 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
sales@chinfa.com
KAMN30 SERIES
AC - DC POWER MODULE
www.chinfa.com
2008.08.13
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
Characteristics
Conditions
min.
unit
Rated input voltage
Input voltage range
Line frequency
Inrush current
Io nom
Io nom
AC in
DC in
Vi nom, Io nom
Io nom
typ.
max.
85
120
VAC
VAC
Hz
VDC
A
A
Vi :115VAC
Vi :230VAC
INPUT SPECIFICATIONS
100
265
370
240
47
63
20
40
Characteristics
Conditions
min.
unit
Output voltage accuracy
Minimum load
Line regulation
Load regulation
Vi nom, Io nom
Vi nom
single output models
dual output models (each output)
Io nom, Vi min ...Vi max
Vi nom,
Io min ...Io nom
typ.
max.
0
20
%
%
%
2
1
%
%
1
%
single output models
dual output models
Transient recovery time
Temperature coefficient
Vi nom, Io nom = 1
0.5 Io nom
Vi nom, Io nom
1000
S
0.02
Ripple & noise
Vi nom, Io nom,
BW = 20MHz
o
% / C
External trim ADJ. Range
1)
(for single output only)
Io = 5% ...100%
mV
3.3V models
5V ...24V models
- 5
-10
100
+ 5
+10
%
%
NOTE 1 : Pls refer to Fig 1 & Table 1 for connection and resistance recommended.
Efficiency
Vi nom, Io nom, Po / Pi
Up to 86%, See model list
OUTPUT SPECIFICATIONS
2
Hold up time
ms
15
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
Operating at Vi nom
K H z
3,000
VAC
M
100
-40
+ 71
oC
65
o
Vi nom, +61 to +71 C
Storage temperature
-40
Derating
Non operational
o
% / C
+100
3
oC
Vi nom, Io nom
95
Relative humidity
Dimension
L 89 x W 63.5 x H 25
L 3.5 x W 2.5 x H 0.98
Cooling
Free air convection
mm
Case material
Plastic
% R H
Characteristics
Conditions
min.
typ.
max.
unit
GENERAL
inches
20
200
mV
3.3V , 5V models
12V ...24V models



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com