Electronic Components Datasheet Search
  English  ▼

X  

T10F3 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # T10F3
Description  T10A1
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

T10F3 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  T10F3 Datasheet HTML 1Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edal
SERIES T
Silicon T03 Miniature Power Circuits
Edal’s Miniature power design offers optional configurations in one standard package. A sharp reduction in space
requirements, simplified purchasing, reduced inventory, fewer lead connections and faster assembly by eliminating
the need of soldering many diodes to achieve equivalent circuitry are substantial advantages. Low unit cost and
increased reliability are proven results of Edal multiple circuits, now available in half wave, and center tap circuits.
Ratings for the circuits that are listed below point out the high temperature resistance, low leakage current and low
forward voltage drop. Units utilize double diffused passivated junctions. Through Quality Control program results
in high unit reliability. Available in Fast Recovery and/or Bulk Avalanche devices.
SERIES T PER SECTION SPECIFICATIONS
CURRENT
CODE
AMPS
10
10
15
15
20
20
PIV
CODE
(VOLTS)
A
50
B
100
C
200
D
300
E
400
F
500
G
600
H
700
K
800
M
1000
N
1200
CODE
CIRCUIT
1
Half Wave
2
Center Tap, Case Pos.
3
Center Tap, Case Neg.
T
10
B
2
First code represents series, second current, third PIV, fourth the circuit. Series T10B2, for
Example is a 10 amp 100 PIV Center Tap Case Positive.
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: info@edal.comInternet: http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512
Electrical Ratings (Per Section)
Maximum Output Current
Case Temp 130 o C Io see Chart
Maximum Single Cycle Surge Current
250 amps
Maximum Forward Voltage Drop:
at Io 25 o C Case
1.5 volts
Maximum Reverse Current:
at PIV
50 ua
Maximum I 2 t
250 amps2 sec


Similar Part No. - T10F3

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
T10 AMPHENOL-T10 Datasheet
103Kb / 8P
Measures differential, gage pressure, or vacuum
logo
Littelfuse
T10 LITTELFUSE-T10 Datasheet
177Kb / 1P
Solid-State On-Delay Timer
2019 Rev: 2-B-043019
logo
List of Unclassifed Man...
T10-10 ETC2-T10-10 Datasheet
99Kb / 1P
STA-KON Copper Tube Terminals
logo
Trumeter Technologies
T10-4017A TRUMETER-T10-4017A Datasheet
1Mb / 2P
Electromechanical Totalizer
02/2020
T10-4017B TRUMETER-T10-4017B Datasheet
1Mb / 2P
Electromechanical Totalizer
02/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com