Electronic Components Datasheet Search
  English  ▼

X  

3PB25 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # 3PB25
Description  Three Phase 25 Amp Silicon Bridge Rectifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

3PB25 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  3PB25 Datasheet HTML 1Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edal
SERIES 3PB25
Three Phase 25 Amp Silicon Bridge Rectifier
PART
NUMBER
3PB2505
3PB2510
3PB2520
3PB2540
3PB2560
3PB2580
3PB25100
3PB25120
PIV/LEG
50 (V)
100 (V)
200 (V)
400 (V)
600 (V)
800 (V)
1000 (V)
1200 (V)
ELECTRICAL RATINGS
MAX. DC OUTPUT CURRENT @ 60o C CASE
25 AMPS DC
MAX. PEAK SINGLE CYCLE NON-REPETITIVE
FORWARD CURRENT @ 8.3 mSec
375 AMPS
MAX. FORWARD VOLTAGE DROP @ If = 40 AMPS/LEG, Tj = 25o C
1.26 VOLTS
MAX. I2 t FUSING (t = 8.3 mSec) @ Tj = 150o C
580 AMPS
THERMAL RESISTANCE (JUNCTION TO CASE)
1.4 K/W
MAX. JUNCTION TEMPERATURE RANGE
-40 TO +150o C
MAX. DC REVERSE CURRENT/JUNCTION @ 25o C
100 u AMPS
RMS ISOLATION VOLTAGE, TERMINAL TO BASE
2500 VOLTS
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@ edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - 3PB25

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
3PB35 EDAL-3PB35 Datasheet
126Kb / 1P
Three Phase 35 Amp Silicon Bridge Rectifier
3PB3505 EDAL-3PB3505 Datasheet
126Kb / 1P
Three Phase 35 Amp Silicon Bridge Rectifier
3PB3510 EDAL-3PB3510 Datasheet
126Kb / 1P
Three Phase 35 Amp Silicon Bridge Rectifier
3PB35100 EDAL-3PB35100 Datasheet
126Kb / 1P
Three Phase 35 Amp Silicon Bridge Rectifier
3PB35120 EDAL-3PB35120 Datasheet
126Kb / 1P
Three Phase 35 Amp Silicon Bridge Rectifier
More results

Similar Description - 3PB25

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5322 NTE-NTE5322 Datasheet
17Kb / 2P
NTE5326/NTE5327/NTE5328 Silicon Bridge Rectifier, Single-Phase, 25 Amp
NTE5322W NTE-NTE5322W Datasheet
17Kb / 2P
Silicon Bridge Rectifier, Single-Phase, 25 Amp
logo
Won-Top Electronics
MT25 WTE-MT25 Datasheet
70Kb / 6P
25, 35A THREE PHASE BRIDGE RECTIFIER
logo
Fuji Electric
KBPC25005 FUJI-KBPC25005 Datasheet
680Kb / 1P
25 AMP SILICON BRIDGE RECTIFIER
logo
Microsemi Corporation
MZ200 MICROSEMI-MZ200 Datasheet
125Kb / 3P
THREE PHASE 12 AMP BRIDGE RECTIFIER
logo
Won-Top Electronics
MT25 WTE-MT25_06 Datasheet
83Kb / 7P
25, 35A GLASS PASSIVATED THREE-PHASE BRIDGE RECTIFIER
logo
Edal Industries, Inc.
3PB35 EDAL-3PB35 Datasheet
126Kb / 1P
Three Phase 35 Amp Silicon Bridge Rectifier
logo
Microsemi Corporation
483-01 MICROSEMI-483-01 Datasheet
239Kb / 3P
THREE PHASE 25 AMP RECTIFIER BRIDGES
MZ200 MICROSEMI-MZ200_07 Datasheet
123Kb / 3P
Three Phase 12 Amp bridge Rectifier
logo
Vishay Siliconix
VS-26MT VISHAY-VS-26MT_V02 Datasheet
178Kb / 7P
Three Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com