Electronic Components Datasheet Search
  English  ▼

X  

25N15CS Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # 25N15CS
Description  HIGH VOLTAGE MULTIPLE SILICON PACKAGES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

25N15CS Datasheet(HTML) 1 Page - Edal Industries, Inc.

  25N15CS Datasheet HTML 1Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edal
SERIES N
HIGH VOLTAGE MULTIPLE SILICON PACKAGES
Edal’s multi-unit package offers many optional configurations in one standard modular design. A sharp
reduction in space requirements, simplified purchasing, reduced inventory, fewer lead connections and faster
assembly by eliminating the need of soldering many diodes to achieve equivalent circuitry are substantial
advantages. Each modular package consists of matched, pre-tested, pre-selected, and double diffused bulk
avalanche rectifiers offering self-protection against voltage transients. Low unit cost and increased reliability are
proven results of Edal multiple circuits. They are now available in full wave, half wave, doubler, center tap,
open bridge, three phase types and fast recovery from 500 to 50 ns.
Electrical Ratings
Maximum Allowable DC Output Current:
at 25 o C ambient temperature,
6.0 amps
at 100 o C ambient temperature,
3.0 amps
at 150 o C ambient temperature,
1.0 amps
Maximum Allowable One Cycle Surge Current:
(60 cps single phase non-recurrent,
at rated PRV and no load
250 amps
Maximum Full Load Forward Voltage Drop
(150 o C full cycle average per KV per leg) .6 volt
Maximum Reverse Current:
(150 o C full cycle average)
5 mA
Storage Temperature and
Operating Temperature:
175 o C
SERIES N SPECIFICATION
CURRENT
(TENS OF Ma)
20 mA
to
6 amp
SERIES
DESIGNATION
N
PIV
(HUNDREDS
OF VOLTS)
1500
to
30,000
volts
CODE
CIRCUIT
B
single phase bridge
C
single phase center tap, positive
D
doubler
H
single phase half wave
J
3 phase, half wave, positive
K
3 phase, half wave, negative
L
3 phase, bridge
M
3 phase, center tap
N
single phase, center tap negative
U
open bridge, positive
CODE
MOUNTING
S
stud
H
holes
I
threaded
Insets
25
N
15
B
S
First number represents current in tens of milliamps, second is the series designation, third PIV in
hundreds of volts, fourth code designation for the circuit, fifth code for mounting desired. For example
part number 25 N 15 B S, signifies 250 mA, Series N, 1500 volts PIV, single-phase bridge circuit, stud
mounting.
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: info @ edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - 25N15CS

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
25N151K HUAXINAN-25N151K Datasheet
320Kb / 5P
Metal Oxide Varistors Data Sheet
More results

Similar Description - 25N15CS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457 Datasheet
270Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 1; 6/03
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX6457_V5 MAXIM-MAX6457_V5 Datasheet
158Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 5; 7/12
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
logo
Illinois Capacitor, Inc...
LBA ILLINOISCAPACITOR-LBA Datasheet
394Kb / 6P
Multiple case sizes - High voltage ??High Current
LBB ILLINOISCAPACITOR-LBB Datasheet
342Kb / 5P
Multiple Case Sizes - High Voltage ??High Current
LMB ILLINOISCAPACITOR-LMB Datasheet
428Kb / 7P
Multiple Case Sizes - High Voltage ??High Current
LMH ILLINOISCAPACITOR-LMH Datasheet
402Kb / 6P
Multiple Case Sizes - High Voltage ??High Current
LMX ILLINOISCAPACITOR-LMX Datasheet
460Kb / 6P
Multiple Case Sizes - High Voltage ??High Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com