Electronic Components Datasheet Search
  English  ▼

X  

SB102 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # SB102
Description  Silicon Schottky Barrier Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

SB102 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  SB102 Datasheet HTML 1Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edal
SERIES SB102
Silicon Schottky Barrier Rectifiers
ELECTRICAL RATINGS
Peak Inverse Voltage
45 VOLTS
Io AMPS
@ 95 oC Case
25 AMPS
Maximum Surge Current
Single Cycle Amps
600 AMPS
Maximum Forward Drop @ 25oC Case
Io Amps
25 AMPS
Vf Volts
.4 VOLTS
Maximum Reverse Current
@ 25oC @ PRV
1 m AMPS
Storage Temperature oC
-65 to 175
Operating Temperature oC
-65 to 150
Jedec Style
DO4
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@ edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - SB102

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SB102 TSC-SB102 Datasheet
71Kb / 2P
Single Phase 10 AMPS. Silicon Bridge Rectifiers
logo
Pan Jit International I...
SB1020 PANJIT-SB1020 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Transys Electronics
SB1020 TRSYS-SB1020 Datasheet
146Kb / 2P
10 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1020 WTE-SB1020 Datasheet
39Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020 WTE-SB1020 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB102

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
SB100 EDAL-SB100 Datasheet
53Kb / 1P
Silicon Schottky Barrier Rectifiers
SB101 EDAL-SB101 Datasheet
53Kb / 1P
Silicon Schottky Barrier Rectifiers
SB103 EDAL-SB103 Datasheet
53Kb / 1P
Silicon Schottky Barrier Rectifiers
SB105 EDAL-SB105 Datasheet
91Kb / 1P
Silicon Schottky Barrier Rectifiers
SB106 EDAL-SB106 Datasheet
53Kb / 1P
Silicon Schottky Barrier Rectifiers
SB107 EDAL-SB107 Datasheet
55Kb / 1P
Silicon Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
1N581XLB CYSTEKEC-1N581XLB Datasheet
140Kb / 3P
1.0Amp Silicon Schottky Barrier Rectifiers
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS70DSTN SECOS-SCS70DSTN_15 Datasheet
98Kb / 1P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com