Electronic Components Datasheet Search
  English  ▼

X  

LTM455CU Datasheet(PDF) 1 Page - ECS, Inc.

Part # LTM455CU
Description  4 ELEMENT CERAMIC FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

LTM455CU Datasheet(HTML) 1 Page - ECS, Inc.

  LTM455CU Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
80
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
CERAMIC FILTERS
CERAMIC FILTERS
LTM455U SERIES
4 ELEMENT CERAMIC FILTER
2.4 1.8 0.8
7
7
4.3
0.8
4
3
2
1
Connection
Input
Ground
Output
Ground
3
4
2
1
2.4
1.8 0.8
Figure 1) LTM455U – Front, Side and Bottom views
Ultra small size high selectivity type ceramic
filter for communication use.
FEATURES
• Ultra small size
• 6.5 mm profile
• Bandwidths from 4KHz to 30KHz available
• RoHS Compliant (Note 7 exemption)
• 4 elements
R1
Rg
GROUND
GROUND
INPUT
OUTPUT
Rg+R1=R2=input/output impedance
S.S.G.
LTMU
RF
V.M.
R2
1
2
3
4
Figure 2) LTM455U – Measuring Circuit
Frequency (KHz)
0
10
20
30
40
50
60
410
420
430
440
450
460
470
480
490
500
LTM455BU
LTM455EU
LTM455HU
Figure 3) LTM455U – Characteristics
PACKAGE DIMENSIONS (mm)
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
CENTER
INSERTION
PASS BAND
6 dB
40 dB
STOP BAND ATT.
INPUT / OUTPUT
PART NUMBER
FREQUENCY
LOSS
RIPPLE
BANDWIDTH
BANDWIDTH
±100KHZ
IMPEDANCE
(KHz)
(dB) MAX.
(dB) MAX.
(KHz) MIN.
(dB) MAX.
(dB) MIN.
(
Ω)
LTM455BU
455 ±2.0
4
2
±15
±30
27
1500
LTM455CU
455 ±2.0
4
2
±12.5
±24
27
1500
LTM455DU
455 ±1.5
4
2
±10
±20
27
1500
LTM455EU
455 ±1.5
6
2
±7.5
±15
27
1500
LTM455FU
455 ±1.5
6
2
±6
±12.5
27
2000
LTM455GU
455 ±1.0
6
2
±4.5
±10
25
2000
LTM455HU
455 ±1.0
6
2
±3
±9
25
2000
LTM455IU
455 ±1.0
6
2
±2
±7.5
25
2000
LTM45HTU
455 ±1.0
6
2
±3
±9
35
2000
LTM45ITU
455 ±1.0
6
2
±2
±7.5
35
2000
Note: To avoid potential problems, connect the output to an IF amplifier
through a DC cut capacitor.
Avoid applying a direct current to output end of the ceramic filters
(between ➂ and xy).


Similar Part No. - LTM455CU

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LTM455CU AURIS-LTM455CU Datasheet
143Kb / 1P
Filter THT
LTM455CU AURIS-LTM455CU Datasheet
185Kb / 1P
Filter THT, Ceramic
logo
Token Electronics Indus...
LTM455CU TOKEN-LTM455CU Datasheet
342Kb / 3P
LTM 455/450 Ceramic Filters
logo
Shoulder Electronics Li...
LTM455CU SHOULDER-LTM455CU Datasheet
110Kb / 4P
CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
logo
Fronter Electronics Co....
LTM455CU FRONTER-LTM455CU Datasheet
182Kb / 1P
22 PIN Version 6.5x6.5x6.2 mm
More results

Similar Description - LTM455CU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTM450W ETC-LTM450W Datasheet
66Kb / 1P
6 ELEMENT CERAMIC FILTER
logo
ECS, Inc.
LPBJ ECS-LPBJ Datasheet
235Kb / 1P
2 ELEMENT CERAMIC FILTER
LTM450U ECS-LTM450U Datasheet
270Kb / 1P
4 ELEMENT CERAMIC FILTER
LTM450W ECS-LTM450W Datasheet
282Kb / 1P
6 ELEMENT CERAMIC FILTER
LTM455W ECS-LTM455W Datasheet
309Kb / 1P
6 ELEMENT CERAMIC FILTER
logo
Oscilent Corporation
736-459-AU OSCILENT-736-459-AU Datasheet
137Kb / 2P
455 KHz 4 Element
logo
Dialight Corporation
C-17891 DIALIGHT-C-17891 Datasheet
177Kb / 1P
4 ELEMENT LIGHTPIPE
logo
LUMEX INC.
SNR-40642 LUMEX-SNR-40642 Datasheet
117Kb / 1P
4 ELEMENT PbSe
logo
Oscilent Corporation
735-450-HT OSCILENT-735-450-HT Datasheet
137Kb / 2P
450 KHz 4 Element
logo
MTRONPTI
HC MTRONPTI-HC Datasheet
239Kb / 2P
Broadband Lumped Element Highpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com