Electronic Components Datasheet Search
  English  ▼

X  

SWM862080 Datasheet(PDF) 1 Page - celduc-relais

Part # SWM862080
Description  Ready to use Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SWM862080 Datasheet(HTML) 1 Page - celduc-relais

  SWM862080 Datasheet HTML 1Page - celduc-relais SWM862080 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SWM862080
17-60VAC/DC control
30A/400VAC output
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PPP
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
Application typique/Typical application
• Zero cross AC output : 24/510VAC-40A (50A thyristors)
• Ready to use . VDR protection. LED . IP20 .
• Designed for all types of loads,and specially for
resistive loads: 5KW/230VAC;9KW/400VAC
• Sortie AC synchrone : 24-510VAC-30A (50A thyristors)
• Prêt à l'emploi . Protection VDR ; LED de visualisation ; IP20
• Adapté à tout type de charges,et spécialement aux résistances de
chauffage: 5KW/230VAC;9KW/400VAC
page 1 /2 F/GB
S/MON/SWM862080/A/13/03/2000
Caractéristiques de commande (à 20
°C) / Control characteristics (at 20
°C)
AC/DC
Paramètre / Parameter
Symbol
Min
Nom
Max
Unit
Tension de commande / Control voltage
Uc
17
24
60
V
Courant de commande / Control current (@ Uc )
Ic
10
14
35
mA
Tension de relachement/Release voltage
Uc off
1
V
Résistance interne / Input internal resistor
fig.1
Rc
1700
Ω
Tension inverse / Reverse voltage
Urv
60
V
Caractéristiques d'entrée-sortie (à 20
°C) / Input-output characteristics (at 20
°C)
Isolement entrée-sortie/Input-output isolation @500m
Ui
4000
VRMS
Isolement sortie-semelle/Output-case isolation @500m
Ui
3300
VRMS
Tension assignée Isolement/Rated impulse voltage
Uimp
4000
V
Caractéristiques générales / General characteristics
Paramètre / Parameter
Conditions
Symbol
Typ.
Unit
Poids/Weight
450
g
Plage de température de stockage / Storage temp
°range
-40 / +100
°C
Plage de température de fonctionnement/Operating temp
°range
-40 / +100
°C
0
10
20
30
40
50
60
0
0
5
10
15
20
25
30
35
0
Uc(V)
Relais statique monophasé de puissance
Prêt à l'emploi.
Ready to use Solid State Relay
celduc
r
e
l
a
i
s
Entrée
control
17-60VAC
protection
réseau
line protection
24-510VAC
* 1L1-2T1 peuvent être inversées/ 1L1 -2T1 can be changed
CHARGE/LOAD
1L1
2T1
=
LED
A1
A2
Dimensions/Size
25
48
mounting system with
DIN RAIL or screws
fig. 1 :Caractéristique d'entrée /
Control characteristic


Similar Part No. - SWM862080

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SWM865080 CELDUC-SWM865080 Datasheet
130Kb / 2P
Ready to use Solid State Relay
More results

Similar Description - SWM862080

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOB94366WF CELDUC-SOB94366WF Datasheet
1Mb / 9P
Ready to use Double Power Solid State Relay
SOB96366WF CELDUC-SOB96366WF Datasheet
1Mb / 9P
Ready to use Double Power Solid State Relay
SWM841080 CELDUC-SWM841080 Datasheet
119Kb / 2P
Ready to use Solid State Relay
SWM865080 CELDUC-SWM865080 Datasheet
130Kb / 2P
Ready to use Solid State Relay
logo
Powersem GmbH
PSBDIN30A241028 POWERSEM-PSBDIN30A241028 Datasheet
201Kb / 4P
DIN Ready Solid State Relay
PSBDIN30D241000 POWERSEM-PSBDIN30D241000 Datasheet
199Kb / 4P
DIN Ready Solid State Relay
PSBDIN30D661000 POWERSEM-PSBDIN30D661000 Datasheet
195Kb / 4P
DIN Ready Solid State Relay
PSBDIN30A24V240V POWERSEM-PSBDIN30A24V240V Datasheet
201Kb / 4P
DIN Ready Solid State Relay
PSBDIN30A48V660V POWERSEM-PSBDIN30A48V660V Datasheet
204Kb / 4P
DIN Ready Solid State Relay
PSBDIN30D24V240V POWERSEM-PSBDIN30D24V240V Datasheet
199Kb / 4P
DIN Ready Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com