Electronic Components Datasheet Search
  English  ▼

X  

SWT862090 Datasheet(PDF) 1 Page - celduc-relais

Part # SWT862090
Description  Three Phase Solid State Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SWT862090 Datasheet(HTML) 1 Page - celduc-relais

  SWT862090 Datasheet HTML 1Page - celduc-relais SWT862090 Datasheet HTML 2Page - celduc-relais SWT862090 Datasheet HTML 3Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• Zero cross AC output. For all types of loads
• 90-240VAC control voltage with LED
• Internal protection by and clamping voltage.
• IP20
• Relais synchrone sortie AC Prêt à l'emploi
• Commande 90-240VAC . LED.
• Protection interne par RC et écrêteur de tension .
• IP20
page 1 / 3 F/GB
S/TRI/SWT862090/B/12/06/2001
Relais Statique Triphasé
Three Phase Solid State Relays
SWT862090
24 to 520 VAC - 3 x 32 ARMS
11000A2 s
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
celduc
r
e
l
a
i
s
Circuit équivalent/Equivalent circuit :
Dimensions / Dimensions:
110
25
110
LED
Adaptateur
/ Adapter
Adaptateur
/ Adapter
Adaptateur
/ Adapter
A1
A2
L1/R
U
L2/S
V
L3/T
W
=
Proud to serve you
Caractéristiques de commande (à 20
°C) / Control characteristics (at 20
°C)
AC-DC
Paramètre / Parameter
Symbol
Min
Nom
Max
Unit
Tension de commande / Control voltage : DC
Uc
90
240
VDC
Tension de commande / Control voltage : AC
Uc
90
240
VAC
Courant de commande / Control current (@ Uc )
Ic
4,5
11
mA
Tension de relachement/Release voltage
Uc off
15
V
Résistance interne / Input internal resistor
fig.1
Rc
21
K
Ω
Tension inverse / Reverse voltage
Urv
polarity free
V
Caractéristiques d'entrée-sortie (à 20
°C) / Input-output characteristics (at 20
°C)
Isolement entrée-sortie/Input-output isolation @500m
Ui
4000
VRMS
Isolement sortie-semelle/Output-case isolation @500m
Ui
3300
VRMS
Tension assignée isolement/ Rated impulse voltage
Uimp
4000
V
Caractéristiques générales / General characteristics
Paramètre / Parameter
Conditions
Symbol
Typ.
Unit
Poids/Weight
1900
g
Plage de température de stockage / Storage temperature range
-40 / +100
°C
Plage de température de fonctionnement/Operating temperature range
-40 / +100
°C
fig1 : Caractéristique d'entrée / Control characteristic
0
20
4 0
6 0
8 0 100 120 140 160 180 200 22 0 24 0
0
0
3
6
9
1 2
0
Uc (V)
fig. 1 :Caractéristique d'entrée /
Control characteristic


Similar Part No. - SWT862090

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SWT862030 CELDUC-SWT862030 Datasheet
158Kb / 3P
Three Phase Solid State Relays
More results

Similar Description - SWT862090

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SGT765370 CELDUC-SGT765370 Datasheet
96Kb / 2P
Three Phase Solid State Relays
SGT962360 CELDUC-SGT962360 Datasheet
96Kb / 2P
Three Phase Solid State Relays
SGT965360 CELDUC-SGT965360 Datasheet
107Kb / 2P
Three Phase Solid State Relays
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
Three Phase Solid State Relays
SGT965960E CELDUC-SGT965960E Datasheet
100Kb / 2P
Three Phase Solid State Relays
SIT865390 CELDUC-SIT865390 Datasheet
212Kb / 3P
Three Phase Solid State Relays
SVT861394 CELDUC-SVT861394 Datasheet
135Kb / 3P
Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
Three Phase Solid State Relays
SGT865470E CELDUC-SGT865470E Datasheet
330Kb / 4P
Three Phase Solid State Relays
SGT967760E CELDUC-SGT967760E Datasheet
307Kb / 4P
Three Phase Solid State Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com