Electronic Components Datasheet Search
  English  ▼

X  

ZTT Datasheet(PDF) 1 Page - ECS, Inc.

Part # ZTT
Description  Ceramic Resonator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ZTT Datasheet(HTML) 1 Page - ECS, Inc.

  ZTT Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZTT Series
Ceramic Resonator
The ZTT Series ceramic resonator offers a wide frequency
range and extended temperature range capabilities with
built-in load capacitance.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PART NUMBER *
FREQUENCY
RANGE
(MHz)
FREQUENCY
ACCURACY
@ 25°C(%)
STABILITY IN
TEMPERATURE
-20~ +80°C (%)
AGING FOR
TEN YEARS
(%)
RESONANT
RESISTANCE
(Ω) MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
2.00 ~ 2.99
3.00 ~ 3.49
3.50 ~ 8.00
6.01 ~ 6.99
7.00 ~ 13.00
13.01 ~ 50.00
ZTT
□.□□MG
ZTT
□.□□MG
ZTT
□.□□MG
ZTT
□.□□MT
ZTT
□□.□□MT
ZTT
□□.□□MX
±0.5
±0.5
±0.5
±0.5
±0.5
±0.5
±0.3
±0.3
±0.3
±0.3
±0.3
±0.3
±0.3
±0.3
±0.3
±0.3
±0.3
±0.3
80
50
30
30
25
30
PACKAGE DIMENSIONS (mm)
Note: ECS does not approve the use of it's products in Automotive,
Military, Avionics, Life Sustaining or Life Support systems or any other
related medical applications without written approval from ECS INC.
Rev 5/08
PART NUMBERING GUIDE: Example ZTT-4.00MG
Low Profile
Wide Frequency range
Extended temperature range
Built-in load capacitance
RoHS Compliant (Note 7 Exemption)
ZTT
-
Frequency
Suffix
4.00 MHz
MG (2~8 MHz)
MT (6.01~13 MHz)
MX (13.01~50 MHz)


Similar Part No. - ZTT

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTT AURIS-ZTT Datasheet
163Kb / 1P
Resonator THT, 3 Pin
logo
ECM Electronics Limited...
ZTT ECM-ZTT Datasheet
99Kb / 1P
Electronics Ceramic Resonator
logo
List of Unclassifed Man...
ZTT ETC2-ZTT Datasheet
162Kb / 1P
CERAMIC RESONATOR
ZTT ETC2-ZTT Datasheet
61Kb / 1P
2.000MHz to 25.000MHz
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
Ceramic Resonators
More results

Similar Description - ZTT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSB400 ETC-CSB400 Datasheet
435Kb / 11P
CERAMIC RESONATOR
CSTCE8M00 ETC-CSTCE8M00 Datasheet
76Kb / 9P
Ceramic Resonator
logo
AEL Crystals Ltd
ZTTCV AEL-ZTTCV Datasheet
28Kb / 1P
Ceramic Resonator
logo
Shoulder Electronics Li...
ZTACV_MT SHOULDER-ZTACV_MT Datasheet
190Kb / 5P
CERAMIC RESONATOR
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
Ceramic Resonator
logo
Tiger Electronic Co.,Lt...
ZTT10.00MT TGS-ZTT10.00MT Datasheet
183Kb / 5P
CERAMIC RESONATOR
ZTT20.00MX TGS-ZTT20.00MX Datasheet
208Kb / 5P
CERAMIC RESONATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com