Electronic Components Datasheet Search
  English  ▼

X  

LTC2254 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2254
Description  14-Bit, 125/105Msps Low Power 3V ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2254 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2254 Datasheet HTML 2Page - Linear Technology LTC2254 Datasheet HTML 3Page - Linear Technology LTC2254 Datasheet HTML 4Page - Linear Technology LTC2254 Datasheet HTML 5Page - Linear Technology LTC2254 Datasheet HTML 6Page - Linear Technology LTC2254 Datasheet HTML 7Page - Linear Technology LTC2254 Datasheet HTML 8Page - Linear Technology LTC2254 Datasheet HTML 9Page - Linear Technology LTC2254 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC2255/LTC2254
6
22554fa
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2255: 8192 Point FFT,
fIN = 5MHz, –1dB, 2V Range,
125Msps
LTC2255: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range,
125Msps
LTC2255: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range,
125Msps
LTC2255: 8192 Point FFT,
fIN = 140MHz, –1dB, 2V Range,
125Msps
LTC2255: Grounded Input
Histogram, 125Msps
LTC2255: SNR vs Input Frequency,
–1dB, 2V Range, 125Msps
LTC2255: 8192 Point 2-Tone FFT,
fIN = 28.2MHz and 26.8MHz,
–1dB, 2V Range, 125Msps
LTC2255: Typical DNL,
2V Range, 125Msps
LTC2255: Typical INL,
2V Range, 125Msps
CODE
0
12288
22554 G01
4096
8192
16384
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
FREQUENCY (MHz)
0
22554 G03
10
20
30
40
50
60
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
22554 G04
10
20
30
40
50
60
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
CODE
0
12288
22554 G02
4096
8192
16384
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
FREQUENCY (MHz)
0
22554 G05
10
20
30
40
50
60
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
22554 G06
10
20
30
40
50
60
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
22554 G07
10
20
30
40
50
60
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
CODE
8181
3 79
26 1
704
419
0
5000
10000
15000
20000
25000
8183
8185
8187
8189
22554 G08
8191
3684
11975
20331
18639
6939
2727
INPUT FREQUENCY (MHz)
0
65
66
68
69
70
75
72
100
200
250
33554 G09
67
73
74
71
50
150
300
350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com