Electronic Components Datasheet Search
  English  ▼

X  

LTC2280CUP Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2280CUP
Description  Dual 10-Bit, 105Msps Low Noise 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2280CUP Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2280CUP Datasheet HTML 4Page - Linear Technology LTC2280CUP Datasheet HTML 5Page - Linear Technology LTC2280CUP Datasheet HTML 6Page - Linear Technology LTC2280CUP Datasheet HTML 7Page - Linear Technology LTC2280CUP Datasheet HTML 8Page - Linear Technology LTC2280CUP Datasheet HTML 9Page - Linear Technology LTC2280CUP Datasheet HTML 10Page - Linear Technology LTC2280CUP Datasheet HTML 11Page - Linear Technology LTC2280CUP Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC2280
8
2280fa
PI FU CTIO S
AINA+ (Pin 1): Channel A Positive Differential Analog
Input.
AINA– (Pin 2): Channel A Negative Differential Analog
Input.
REFHA (Pins 3, 4): Channel A High Reference. Short
together and bypass to Pins 5, 6 with a 0.1
µF ceramic chip
capacitor as close to the pin as possible. Also bypass to
Pins 5, 6 with an additional 2.2
µF ceramic chip capacitor
and to ground with a 1
µF ceramic chip capacitor.
REFLA (Pins 5, 6): Channel A Low Reference. Short
together and bypass to Pins 3, 4 with a 0.1
µF ceramic chip
capacitor as close to the pin as possible. Also bypass to
Pins 3, 4 with an additional 2.2
µF ceramic chip capacitor
and to ground with a 1
µF ceramic chip capacitor.
VDD (Pins 7, 10, 18, 63): Analog 3V Supply. Bypass to
GND with 0.1
µF ceramic chip capacitors.
CLKA (Pin 8): Channel A Clock Input. The input sample
starts on the positive edge.
CLKB (Pin 9): Channel B Clock Input. The input sample
starts on the positive edge.
REFLB (Pins 11, 12): Channel B Low Reference. Short
together and bypass to Pins 13, 14 with a 0.1
µF ceramic
chip capacitor as close to the pin as possible. Also bypass
to Pins 13, 14 with an additional 2.2
µF ceramic chip ca-
pacitor and to ground with a 1
µF ceramic chip capacitor.
REFHB (Pins 13, 14): Channel B High Reference. Short
together and bypass to Pins 11, 12 with a 0.1
µF ceramic
chip capacitor as close to the pin as possible. Also bypass
to Pins 11, 12 with an additional 2.2
µF ceramic chip ca-
pacitor and to ground with a 1
µF ceramic chip capacitor.
AINB– (Pin 15): Channel B Negative Differential Analog
Input.
AINB+ (Pin 16): Channel B Positive Differential Analog
Input.
GND (Pins 17, 64): ADC Power Ground.
SENSEB (Pin 19): Channel B Reference Programming Pin.
Connecting SENSEB to VCMB selects the internal reference
and a
±0.5V input range. VDD selects the internal reference
and a
±1V input range. An external reference greater than
0.5V and less than 1V applied to SENSEB selects an input
range of
±VSENSEB. ±1V is the largest valid input range.
VCMB (Pin 20): Channel B 1.5V Output and Input Common
Mode Bias. Bypass to ground with 2.2
µF ceramic chip
capacitor. Do not connect to VCMA.
MUX (Pin 21): Digital Output Multiplexer Control. If MUX
is High, Channel A comes out on DA0-DA9, OFA; Channel B
comes out on DB0-DB9, OFB. If MUX is Low, the output
busses are swapped and Channel A comes out on DB0-
DB9, OFB; Channel B comes out on DA0-DA9, OFA. To
multiplex both channels onto a single output bus, connect
MUX, CLKA and CLKB together. (This is not recommended
at clock frequencies above 80Msps.)
SHDNB (Pin 22): Channel B Shutdown Mode Selection
Pin. Connecting SHDNB to GND and OEB to GND results
in normal operation with the outputs enabled. Connecting
SHDNB to GND and OEB to VDD results in normal opera-
tion with the outputs at high impedance. Connecting
SHDNB to VDD and OEB to GND results in nap mode with
the outputs at high impedance. Connecting SHDNB to VDD
and OEB to VDD results in sleep mode with the outputs at
high impedance.
OEB (Pin 23): Channel B Output Enable Pin. Refer to
SHDNB pin function.
NC (Pins 24 to 27, 41 to 44): Do Not Connect These Pins.
DB0 – DB9 (Pins 28 to 30, 33 to 39): Channel B Digital
Outputs. DB9 is the MSB.
OGND (Pins 31, 50): Output Driver Ground.
OVDD (Pins 32, 49): Positive Supply for the Output Driv-
ers. Bypass to ground with 0.1
µF ceramic chip capacitor.
OFB (Pin 40): Channel B Overflow/Underflow Output.
High when an overflow or underflow has occurred.
DA0 – DA9 (Pins 45 to 48, 51 to 56): Channel A Digital
Outputs. DA9 is the MSB.
OFA (Pin 57): Channel A Overflow/Underflow Output.
High when an overflow or underflow has occurred.
OEA (Pin 58): Channel A Output Enable Pin. Refer to
SHDNA pin function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com