Electronic Components Datasheet Search
  English  ▼

X  

LTC2285 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2285
Description  Dual 14-Bit, 125Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2285 Datasheet(HTML) 1 Page - Linear Technology

  LTC2285 Datasheet HTML 1Page - Linear Technology LTC2285 Datasheet HTML 2Page - Linear Technology LTC2285 Datasheet HTML 3Page - Linear Technology LTC2285 Datasheet HTML 4Page - Linear Technology LTC2285 Datasheet HTML 5Page - Linear Technology LTC2285 Datasheet HTML 6Page - Linear Technology LTC2285 Datasheet HTML 7Page - Linear Technology LTC2285 Datasheet HTML 8Page - Linear Technology LTC2285 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2285
1
2285fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual 14-Bit, 125Msps
Low Power 3V ADC
The LTC®2285 is a 14-bit 125Msps, low power dual 3V
A/D converter designed for digitizing high frequency,
wide dynamic range signals. The LTC2285 is perfect for
demanding imaging and communications applications
with AC performance that includes 72.2dB SNR and 82dB
SFDR for signals at the Nyquist frequency.
Typical DC specs include ±1.5LSB INL, ±0.6LSB DNL. The
transition noise is a low 1.3LSBRMS.
A single 3V supply allows low power operation. A separate
output supply allows the outputs to drive 0.5V to 3.6V
logic.
A single-ended CLK input controls converter operation.
An optional clock duty cycle stabilizer allows high perfor-
mance at full speed for a wide range of clock duty cycles.
A data ready output clock (CLKOUT) can be used to latch
the output data.
SNR vs Input Frequency,
–1dB, 2V Range
n Integrated Dual 14-Bit ADCs
n Sample Rate: 125Msps
n Single 3V Supply (2.85V to 3.4V)
n Low Power: 790mW
n 72.4dB SNR, 88dB SFDR
n 110dB Channel Isolation at 100MHz
n Flexible Input: 1VP-P to 2VP-P Range
n 640MHz Full Power Bandwidth S/H
n Clock Duty Cycle Stabilizer
n Shutdown and Nap Modes
n Data Ready Output Clock
n Pin Compatible Family
125Msps: LTC2283 (12-Bit), LTC2285 (14-Bit)
105Msps: LTC2282 (12-Bit), LTC2284 (14-Bit)
80Msps: LTC2294 (12-Bit), LTC2299 (14-Bit)
65Msps: LTC2293 (12-Bit), LTC2298 (14-Bit)
40Msps: LTC2292 (12-Bit), LTC2297 (14-Bit)
n 64-Pin (9mm × 9mm) QFN Package
n Wireless and Wired Broadband Communication
n Imaging Systems
n Spectral Analysis
n Portable Instrumentation
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
–
+
INPUT
S/H
ANALOG
INPUT A
ANALOG
INPUT B
CLK A
CLK B
14-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL
OUTPUT
DRIVERS
•
•
•
OVDD
OGND
MUX
CLKOUT
D13A
D0A
•
•
•
OVDD
OGND
2285 TA01
D13B
D0B
–
+
OUTPUT
DRIVERS
INPUT
S/H
14-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL
OF
INPUT FREQUENCY (MHz)
0
65
66
68
69
70
75
72
100
200
250
2285 TA01b
67
73
74
71
50
150
300
350


Similar Part No. - LTC2285

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2285 LINER-LTC2285 Datasheet
585Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285IUP LINER-LTC2285IUP Datasheet
577Kb / 24P
Dual 14-Bit, 135Msps Low Power 3.3V ADC
LTC2285IUP-3CGPBF LINER-LTC2285IUP-3CGPBF Datasheet
577Kb / 24P
Dual 14-Bit, 135Msps Low Power 3.3V ADC
LTC2285UP LINER-LTC2285UP Datasheet
577Kb / 24P
Dual 14-Bit, 135Msps Low Power 3.3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
More results

Similar Description - LTC2285

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2284 LINER-LTC2284 Datasheet
703Kb / 24P
Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2281 LINER-LTC2281 Datasheet
491Kb / 24P
Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283 Datasheet
578Kb / 24P
Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2295 LINER-LTC2295 Datasheet
676Kb / 24P
Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2299 LINER-LTC2299 Datasheet
713Kb / 24P
Dual 14-Bit, 80Msps Low Power 3V ADC
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2284 LINER-LTC2284_15 Datasheet
712Kb / 24P
Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com