Electronic Components Datasheet Search
  English  ▼

X  

LTC2290 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2290
Description  Dual 12-Bit, 10Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2290 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2290 Datasheet HTML 14Page - Linear Technology LTC2290 Datasheet HTML 15Page - Linear Technology LTC2290 Datasheet HTML 16Page - Linear Technology LTC2290 Datasheet HTML 17Page - Linear Technology LTC2290 Datasheet HTML 18Page - Linear Technology LTC2290 Datasheet HTML 19Page - Linear Technology LTC2290 Datasheet HTML 20Page - Linear Technology LTC2290 Datasheet HTML 21Page - Linear Technology LTC2290 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC2290
18
2290fa
APPLICATIO S I FOR ATIO
Digital Output Multiplexer
The digital outputs of the LTC2290 can be multiplexed onto
a single data bus. The MUX pin is a digital input that swaps
the two data busses. If MUX is High, Channel A comes out
on DA0-DA11, OFA; Channel B comes out on DB0-DB11,
OFB. If MUX is Low, the output busses are swapped and
Channel A comes out on DB0-DB11, OFB; Channel B comes
out on DA0-DA11, OFA. To multiplex both channels onto
a single output bus, connect MUX, CLKA and CLKB together
(see the Timing Diagram for the multiplexed mode). The
multiplexed data is available on either data bus—the un-
used data bus can be disabled with its OE pin.
Grounding and Bypassing
The LTC2290 requires a printed circuit board with a clean,
unbroken ground plane. A multilayer board with an inter-
nal ground plane is recommended. Layout for the printed
circuit board should ensure that digital and analog signal
lines are separated as much as possible. In particular, care
should be taken not to run any digital track alongside an
analog signal track or underneath the ADC.
High quality ceramic bypass capacitors should be used
at the VDD, OVDD, VCM, REFH, and REFL pins. Bypass
capacitors must be located as close to the pins as possible.
Of particular importance is the 0.1
µF capacitor between
REFH and REFL. This capacitor should be placed as close
to the device as possible (1.5mm or less). A size 0402
ceramic capacitor is recommended. The large 2.2
µF
capacitor between REFH and REFL can be somewhat
further away. The traces connecting the pins and bypass
capacitors must be kept short and should be made as wide
as possible.
The LTC2290 differential inputs should run parallel and
close to each other. The input traces should be as short as
possible to minimize capacitance and to minimize noise
pickup.
Heat Transfer
Most of the heat generated by the LTC2290 is transferred
from the die through the bottom-side exposed pad and
package leads onto the printed circuit board. For good
electrical and thermal performance, the exposed pad
should be soldered to a large grounded pad on the PC
board. It is critical that all ground pins are connected to a
ground plane of sufficient area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com