Electronic Components Datasheet Search
  English  ▼

X  

LTC2294 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2294
Description  Dual 12-Bit, 80Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2294 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2294 Datasheet HTML 2Page - Linear Technology LTC2294 Datasheet HTML 3Page - Linear Technology LTC2294 Datasheet HTML 4Page - Linear Technology LTC2294 Datasheet HTML 5Page - Linear Technology LTC2294 Datasheet HTML 6Page - Linear Technology LTC2294 Datasheet HTML 7Page - Linear Technology LTC2294 Datasheet HTML 8Page - Linear Technology LTC2294 Datasheet HTML 9Page - Linear Technology LTC2294 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC2294
2294fa
8192 Point 2-Tone FFT,
fIN = 28.2MHz and 26.8MHz,
–1dB, 2V Range
TYPICAL PERFOR A CE CHARACTERISTICS
Typical INL, 2V Range, 80Msps
Typical DNL, 2V Range, 80Msps
8192 Point FFT, fIN = 5MHz, –1dB,
2V Range, 80Msps
8192 Point FFT, fIN = 30MHz,
–1dB, 2V Range, 80Msps
8192 Point FFT, fIN = 70MHz,
–1dB, 2V Range, 80Msps
8192 Point FFT, fIN = 140MHz,
–1dB, 2V Range, 80Msps
Grounded Input Histogram,
80Msps
Crosstalk vs Input Frequency
INPUT FREQUENCY (MHz)
0
–130
–125
–120
–115
–110
–105
–100
20
40
60
80
2294 G01
100
CODE
0
0.2
0.4
0.6
4096
2294 G02
0
–0.2
–1.0
1024
2048
3072
–0.6
–0.4
–0.8
1.0
0.8
CODE
0
0.2
0.4
0.6
4096
2294 G03
0
–0.2
–1.0
1024
2048
3072
–0.6
–0.4
–0.8
1.0
0.8
FREQUENCY (MHz)
0
–60
–40
–20
0
35
2294 G04
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
15
25
10
20
30
40
FREQUENCY (MHz)
0
–60
–40
–20
0
35
2294 G05
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
15
25
10
20
30
40
FREQUENCY (MHz)
0
–60
–40
–20
0
35
2294 G06
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
15
25
10
20
30
40
FREQUENCY (MHz)
0
–60
–40
–20
0
35
2294 G07
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
15
25
10
20
30
40
FREQUENCY (MHz)
0
–60
–40
–20
0
35
2294 G08
–80
–100
–70
–50
–30
–10
–90
–110
–120
5
15
25
10
20
30
40
CODE
2050
5712
100000
120000
140000
2294 G09
80000
60000
2051
116838
2052
8522
40000
20000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com