Electronic Components Datasheet Search
  English  ▼

X  

LTC2360 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2360
Description  100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2360 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2360 Datasheet HTML 2Page - Linear Technology LTC2360 Datasheet HTML 3Page - Linear Technology LTC2360 Datasheet HTML 4Page - Linear Technology LTC2360 Datasheet HTML 5Page - Linear Technology LTC2360 Datasheet HTML 6Page - Linear Technology LTC2360 Datasheet HTML 7Page - Linear Technology LTC2360 Datasheet HTML 8Page - Linear Technology LTC2360 Datasheet HTML 9Page - Linear Technology LTC2360 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2360/LTC2361/LTC2362
6
236012f
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
Histogram for 16384 Conversions
Supply Current vs Sample Rate
SINAD vs Input Frequency
THD vs Input Frequency
48kHz Sine Wave 8192 FFT Plot
TA = 25°C, VDD = OVDD = VREF (LTC2360, Note 4)
OUTPUT CODE
0
0.6
0.8
3072 3584
236012 G01
–0.4
–0.2
0
0.2
0.4
–0.8
–0.6
512 1024 1536 2048 2560
4096
–1
1
VDD = 3V
OUTPUT CODE
0
0.6
0.8
3072 3584
236012 G02
–0.4
–0.2
0
0.2
0.4
–0.8
–0.6
512 1024 1536 2048 2560
4096
–1
1
VDD = 3V
CODE
10000
8000
4000
6000
2000
0
2047
2045
2049
236012 G04
2050
2046
2048
VDD = 3V
SAMPLING FREQUENCY (ksps)
0
500
400
200
300
100
0
40
20
60 70
236012 G05
100
30
10
50
VDD = 3.6V
90
80
INPUT FREQUENCY (kHz)
236012 G07
74
73
72
70
71
69
1
100
10
VDD = 3.6V
VDD = 3.0V
VDD = 2.35V
INPUT FREQUENCY (kHz)
236012 G08
–78
–80
–82
–84
–90
–88
–86
–92
1
100
10
VDD = 3.6V
VDD = 3.0V
VDD = 2.35V
INPUT FREQUENCY (kHz)
0
0
–20
–60
–100
–40
–80
–120
–140
20
40
2306012 G09
50
30
10
VDD = 3V
fSMPL = 100ksps
Integral and Differential Nonlinearity
vs Reference Voltage (TS8 Package)
REFERENCE VOLTAGE (V)
0.8
0.6
0.8
3.2
236012 G03
–0.4
–0.2
0
0.2
0.4
–0.8
–0.6
1.2
1.6
2
2.4
2.8
3.6
–1
1
VDD = 3.6V
MIN DNL
MAX DNL
MAX INL
MIN INL
Reference Current vs Sample
Rate (TS8 Package)
SAMPLE RATE (ksps)
0
20.0
16.0
8.0
12.0
4.0
0.0
40
20
60 70
236012 G06
100
30
10
50
VDD = 3.6V
90
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com