Electronic Components Datasheet Search
  English  ▼

X  

LTC2402 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2402
Description  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2402 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2402 Datasheet HTML 3Page - Linear Technology LTC2402 Datasheet HTML 4Page - Linear Technology LTC2402 Datasheet HTML 5Page - Linear Technology LTC2402 Datasheet HTML 6Page - Linear Technology LTC2402 Datasheet HTML 7Page - Linear Technology LTC2402 Datasheet HTML 8Page - Linear Technology LTC2402 Datasheet HTML 9Page - Linear Technology LTC2402 Datasheet HTML 10Page - Linear Technology LTC2402 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
LTC2401/LTC2402
TYPICAL PERFOR A CE CHARACTERISTICS
Conversion Current
vs Temperature
Sleep Current vs Temperature
Rejection vs Frequency at VIN
Rejection vs Frequency at VIN
Rejection vs Frequency at VIN
Rejection vs Frequency at VIN
TEMPERATURE (
°C)
–55
220
20
24012 G19
190
170
–30
–5
45
160
150
230
210
200
180
70
95
120
VCC = 5.5V
VCC = 4.1V
VCC = 2.7V
TEMPERATURE (
°C)
–55
0
10
20
30
–30
–5
20
45
24012 G20
70
95
120
VCC = 2.7V
VCC = 5V
FREQUENCY AT VCC (Hz)
1
–120
–105
–90
–75
–60
100
10k
24012 G21
1M
VCC = 4.1V
VIN = 0V
TA = 25°C
FO = 0
Rejection vs Frequency at VCC
Rejection vs Frequency at VCC
FREQUENCY AT VCC (Hz)
0
–80
–60
200
24012 G22
–100
–120
50
100
150
250
–40
VCC = 4.1V
VIN = 0V
TA = 25°C
FO = 0
Rejection vs Frequency at VCC
FREQUENCY AT VCC (Hz)
15200
–120
–105
–90
–75
–60
15250 15300 15350 15400
24012 G23
15450 15500
VCC = 4.1V
VIN = 0V
TA = 25°C
FO = 0
FREQUENCY AT VIN (Hz)
1
–120
–100
–80
–60
–40
–20
0
50
100
150
200
24012 G24
250
VCC = 5V
VREF = 5V
VIN = 2.5V
FO = 0
INPUT FREQUENCY DEVIATION FROM NOTCH FREQUENCY (%)
–12
–8
–4
048
12
24012 G25
–60
–70
–80
–90
–100
–110
–120
–130
–140
FREQUENCY AT VIN (Hz)
15100
–120
–100
–80
–60
–40
–20
0
15200
15300
15400
15500
24012 G26
VCC = 5V
VREF = 5V
VIN = 2.5V
FO = 0
SAMPLE RATE = 15.36kHz
±2%
INPUT FREQUENCY
0
–60
–40
0
24012 G27
–80
–100
fS/2
fS
–120
–140
–20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com