Electronic Components Datasheet Search
  English  ▼

X  

GC70SF Datasheet(PDF) 1 Page - Green Power Solutions srl

Part # GC70SF
Description  BAR CLAMP FOR HOCKEY PUK DEVICES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GC70SF Datasheet(HTML) 1 Page - Green Power Solutions srl

  GC70SF Datasheet HTML 1Page - Green Power Solutions srl GC70SF Datasheet HTML 2Page - Green Power Solutions srl GC70SF Datasheet HTML 3Page - Green Power Solutions srl GC70SF Datasheet HTML 4Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GC70…F
BAR CLAMP FOR HOCKEY PUK DEVICES
Clamping total thikness of assembly from
44mm to 135mm
Pre-loaded to the specific clamping
force (5 ÷ 12 kN)
Maximum device diameter: 57mm
Surface passivation to provide extra protection
Hexagon head bolt partially
threaded M8x1.25, UNI5737, 8.8 steel
Various lengths of bolts and insulators
Flat clamping head for optimal clamping
force application
Four styles available
User friendly clamping force indicator
UL94 certified insulation material
Types
Notes
Min
Typ
Max
'GC70S…F
340
460
GC70B…F
430
570
GC70…05F
05
GC70…08F
08
GC70…10F
10
GC70…12F
12
Clamping Force tolerance
± 10%
Insulation Voltage
VRMS
1 min
3000
Noryl
 ∗∗
UL File
E121562
Max. working temperature
°C
-30
110
Creepage distance:
mm
28
Clearance distance:
mm
20.3
Storage temperature
°C
-40
110
mm
UL94 V-1 Flame class rating
1.5
mm
UL94 V-0 Flame class rating
8.00
mm
CSA Flammability
1.00
* Other clamping forces available: contact factory
** Noryl
is a registered trade mark of General Electric
Document GC70…FT001
Weight
g
Clamping Force*
Insulating Material
Flammability
Testing conditions
Values
kN
Parameter
Unit
Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869
Fax:
+39-010-659 1870
Web: www.gpsemi.it
E-mail: info@gpsemi.it


Similar Part No. - GC70SF

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GC70SR GPSEMI-GC70SR Datasheet
289Kb / 4P
BAR CLAMP FOR HOCKEY PUK DEVICES
More results

Similar Description - GC70SF

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GC102R GPSEMI-GC102R Datasheet
289Kb / 4P
BAR CLAMP FOR HOCKEY PUK DEVICES
GC70R GPSEMI-GC70R Datasheet
289Kb / 4P
BAR CLAMP FOR HOCKEY PUK DEVICES
GC79F GPSEMI-GC79F Datasheet
185Kb / 4P
BAR CLAMP FOR HOCKEY PUK DEVICES
GC89F GPSEMI-GC89F Datasheet
250Kb / 4P
BAR CLAMP FOR HOCKEY PUK DEVICES
GC102F GPSEMI-GC102F Datasheet
327Kb / 4P
BAR CLAMP FOR HOCKEY PUK DEVICES
GC118F GPSEMI-GC118F Datasheet
332Kb / 4P
BAR CLAMP FOR HOCKEY PUK DEVICES
GC118R GPSEMI-GC118R Datasheet
259Kb / 4P
BAR CLAMP FOR HOCKEY PUK DEVICES
GC140R GPSEMI-GC140R Datasheet
363Kb / 3P
BAR CLAMP FOR HOCKEY PUK DEVICES
GC140-4TF GPSEMI-GC140-4TF Datasheet
284Kb / 3P
BAR CLAMP FOR HOCKEY PUK DEVICES
GC140-4TF-S GPSEMI-GC140-4TF-S Datasheet
253Kb / 3P
BAR CLAMP FOR HOCKEY PUK DEVICES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com