Electronic Components Datasheet Search
  English  ▼

X  

LTC2420 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2420
Description  20-Bit mPower No Latency DSTM ADC in SO-8
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2420 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2420 Datasheet HTML 9Page - Linear Technology LTC2420 Datasheet HTML 10Page - Linear Technology LTC2420 Datasheet HTML 11Page - Linear Technology LTC2420 Datasheet HTML 12Page - Linear Technology LTC2420 Datasheet HTML 13Page - Linear Technology LTC2420 Datasheet HTML 14Page - Linear Technology LTC2420 Datasheet HTML 15Page - Linear Technology LTC2420 Datasheet HTML 16Page - Linear Technology LTC2420 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
LTC2420
APPLICATIO S I FOR ATIO
Table 2. LTC2420 Output Data Format
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
Bit 15
…
Bit 0
Input Voltage
EOC
DMY
SIG
EXR
MSB
LSB
VIN > 9/8 • VREF
0
0
1100
0
11...
1
9/8 • VREF
0
0
1100
0
11...
1
VREF + 1LSB
0
0
1100
0
00...
0
VREF
0
0
1011
1
11...
1
3/4VREF + 1LSB
0
0
1011
0
00...
0
3/4VREF
0
0
1010
1
11...
1
1/2VREF + 1LSB
0
0
1010
0
00...
0
1/2VREF
0
0
1001
1
11...
1
1/4VREF + 1LSB
0
0
1001
0
00...
0
1/4VREF
0
0
1000
1
11...
1
0+/0–
0
0
1/0*
000
0
00...
0
–1LSB
0
0
0111
1
11...
1
–1/8 • VREF
0
0
0111
1
00...
0
VIN < –1/8 • VREF
0
0
0111
1
00...
0
*The sign bit changes state during the 0 code.
the rising edge of the 24th SCK pulse. On the falling edge
of the 24th SCK pulse, SDO goes HIGH indicating a new
conversion cycle has been initiated. This bit serves as EOC
(Bit 23) for the next conversion cycle. Table 2 summarizes
the output data format.
As long as the voltage on the VIN pin is maintained within
the – 0.3V to (VCC + 0.3V) absolute maximum operating
range, a conversion result is generated for any input value
from – 0.125 • VREF to 1.125 • VREF. For input voltages
greater than 1.125 • VREF, the conversion result is clamped
to the value corresponding to 1.125 • VREF. For input
voltages below – 0.125 • VREF, the conversion result is
clamped to the value corresponding to – 0.125 • VREF.
Frequency Rejection Selection (FO Pin Connection)
The LTC2420 internal oscillator provides better than 110dB
normal mode rejection at the line frequency and its har-
monics for 50Hz
±2%or60Hz±2%.For60Hzrejection,FO
(Pin 8) should be connected to GND (Pin 4) while for 50Hz
rejection the FO pin should be connected to VCC (Pin 1).
The selection of 50Hz or 60Hz rejection can also be made
by driving FO to an appropriate logic level. A selection
change during the sleep or data output states will not
disturb the converter operation. If the selection is made
during the conversion state, the result of the conversion in
progress may be outside specifications but the following
conversions will not be affected.
When a fundamental rejection frequency different from
50Hz or 60Hz is required or when the converter must be
synchronized with an outside source, the LTC2420 can
operate with an external conversion clock. The converter
automatically detects the presence of an external clock
signal at the FO pin and turns off the internal oscillator. The
frequency fEOSC of the external signal must be at least
2560Hz (1Hz notch frequency) to be detected. The exter-
nal clock signal duty cycle is not significant as long as the
minimum and maximum specifications for the high and
low periods tHEO and tLEO are observed.
While operating with an external conversion clock of a
frequency fEOSC, the LTC2420 provides better than 110dB
normal mode rejection in a frequency range fEOSC/2560
±4% and its harmonics. The normal mode rejection as a
function of the input frequency deviation from fEOSC/2560
is shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com