Electronic Components Datasheet Search
  English  ▼

X  

LTC2424CG Datasheet(PDF) 34 Page - Linear Technology

Part # LTC2424CG
Description  4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2424CG Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC2424CG Datasheet HTML 28Page - Linear Technology LTC2424CG Datasheet HTML 29Page - Linear Technology LTC2424CG Datasheet HTML 30Page - Linear Technology LTC2424CG Datasheet HTML 31Page - Linear Technology LTC2424CG Datasheet HTML 32Page - Linear Technology LTC2424CG Datasheet HTML 33Page - Linear Technology LTC2424CG Datasheet HTML 34Page - Linear Technology LTC2424CG Datasheet HTML 35Page - Linear Technology LTC2424CG Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
34
LTC2424/LTC2428
could be used to measure the case temperature of the
RTD-based thermal power measurement scheme described
previously. In general, thermistors yield very good resolu-
tion over a limited temperature range. For the half-bridge
arrangement shown, the LTC2428 can measure tempera-
ture changes over nearly 5 orders of magnitude.
Connected to the LTC2428’s CH6 input, an infrared ther-
mocouple (Omega Engineering OS36-1) can be used in
limited range, noncontact temperature measurement ap-
plications or applications where high levels of infrared
light must be measured. Given the LTC2428’s 1.2ppmRMS
noise performance, measurement resolution using infra-
red thermocouples is approximately 0.25
°C—equivalent
to the resolution of a conventional Type J thermocouple.
These infrared thermocouples are self-contained: 1) they
do not require external cold junction compensation; 2)
they cannot use conventional open thermocouple detec-
tion schemes; and 3) their output impedances are high,
approximately 3k
Ω. Alternatively, conventional thermo-
couples can be connected directly to the LTC2428 (not
shown) and cold junction compensation can be provided
by an external temperature sensor connected to a different
channel (see the thermistor circuit on CH5) or by using the
LT1025, a monolithic cold-junction compensator IC.
The components connected to CH7 are used to sense
daylight or photodiode current with a resolution of 300pA.
In the figure, the photodiode is biased in photoconduc-
tive mode; however, the LTC2428 can accommodate
either photovoltaic or photoconductive configurations.
The photodiode chosen (Hammatsu S1336-5BK) pro-
duces an output of 500mA per watt of optical illumination.
The output of the photodiode is dependent on two factors:
active detector area (2.4mm • 2.4mm) and illumination
intensity. With the 5k resistor, optical intensities up to
368W/m2 at 960nM (direct sunlight is approximately
1000W/m2) can be measured by the LTC2428. With a
resolution of 1nA, the optical dynamic range covers 5
orders of magnitude.
The application circuits shown connected to the LTC2428
demonstrate the mix-and-match capabilities of this multi-
plexed-input, high resolution
∆Σ ADC. Very low level
signals and high level signals can be accommodated with
a minimum of additional circuitry.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com