Electronic Components Datasheet Search
  English  ▼

X  

LTC1872B Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1872B
Description  Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1872B Datasheet(HTML) 1 Page - Linear Technology

  LTC1872B Datasheet HTML 1Page - Linear Technology LTC1872B Datasheet HTML 2Page - Linear Technology LTC1872B Datasheet HTML 3Page - Linear Technology LTC1872B Datasheet HTML 4Page - Linear Technology LTC1872B Datasheet HTML 5Page - Linear Technology LTC1872B Datasheet HTML 6Page - Linear Technology LTC1872B Datasheet HTML 7Page - Linear Technology LTC1872B Datasheet HTML 8Page - Linear Technology LTC1872B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1872B
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATION
Constant Frequency
Current Mode Step-Up
DC/DC Controller in ThinSOT
The LTC
®1872B is a constant frequency current mode
step-up DC/DC controller providing excellent AC and DC
load and line regulation. The device incorporates an accu-
rate undervoltage lockout feature that shuts down the
LTC1872B when the input voltage falls below 2.0V.
The LTC1872B provides a
±2.5% output voltage accuracy
and consumes only 270
µA of quiescent current. In shut-
down, the device draws a mere 8
µA.
High constant operating frequency of 550kHz allows the
use of a small external inductor. The constant frequency
operation is maintained down to very light loads, resulting
in less low frequency noise generation over a wide load
current range.
The LTC1872B is available in a 6-lead low profile (1mm)
ThinSOT package. For a Burst Mode operation enabled
version of the LTC1872B, please refer to the LTC1872 data
sheet.
s
Optical Communications
s
Lithium-Ion-Powered Applications
s
Cellular Telephones
s
Wireless Devices
s
Portable Computers
s
Scanners
s
Burst Mode
TM Operation Disabled for Lower Output
Ripple at Light Loads
s
High Efficiency: Over 90%
s
High Output Currents Easily Achieved
s
Wide VIN Range: 2.5V to 9.8V
s
VOUT Limited Only by External Components
s
Constant Frequency 550kHz Operation
s
Current Mode Operation for Excellent Line and Load
Transient Response
s
Shutdown Mode Draws Only 8
µA Supply Current
s
Low Profile (1mm) ThinSOT
TM Package
Typical Efficiency vs Load Current*
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode and ThinSOT are trademarks of Linear Technology Corporation.
ITH/RUN
LTC1872B
147k
422k
80.6k
R1
0.03
Ω
L1
4.7
µH
220pF
C1: TAIYO YUDEN CERAMIC EMK325BJ106MNT
C2: MURATA GRM42-2X5R106K010AL
D1: IR10BQ015
L1: MURATA LQN6C4R7M04
M1: Si2302DS
R1: DALE 0.25W
GND
VFB
5
4
6
1872B TA01
1
2
3
NGATE
VIN
SENSE–
C1
10
µF
10V
VIN
3.3V
VOUT
5V
1A
C2
4
× 10µF
10V
M1
D1
Figure 1. LTC1872B High Output Current 3.3V to 5V Boost Converter
1
10
100
1000
LOAD CURRENT (mA)
100
95
90
85
80
75
70
65
1872B TA01b
VIN = 3.3V
VOUT = 5V
*Output ripple waveforms for the circuit of Figure 1 appear in Figure 2.


Similar Part No. - LTC1872B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1872B LINER-LTC1872B Datasheet
204Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
More results

Similar Description - LTC1872B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
logo
Analog Devices
ADP1621 AD-ADP1621 Datasheet
819Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC/DC Controller
12/06-Rev. 0 to Rev. A
logo
Linear Technology
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
logo
Analog Devices
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
logo
Linear Technology
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
logo
Analog Devices
ADP1621 AD-ADP1621_V01 Datasheet
851Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC-to-DC Controller
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com